Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 54 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 50Page - STMicroelectronics ADE3000T Datasheet HTML 51Page - STMicroelectronics ADE3000T Datasheet HTML 52Page - STMicroelectronics ADE3000T Datasheet HTML 53Page - STMicroelectronics ADE3000T Datasheet HTML 54Page - STMicroelectronics ADE3000T Datasheet HTML 55Page - STMicroelectronics ADE3000T Datasheet HTML 56Page - STMicroelectronics ADE3000T Datasheet HTML 57Page - STMicroelectronics ADE3000T Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
Output Sequencer Block
ADE3XXX
54/88
OSQ_VERTEN_DLY_O_H
0x0BCE
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
delay of the vert_enab signal to the reset of the
horizontal and vertical counters, odd frame in
interlace mode only [19:16]
OSQ_VSYNC_SET_L
0x0BCF
R/W
[7:0]
0x0
vertical count at which vsync goes high [7:0]
OSQ_VSYNC_SET_H
0x0BD0
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
vertical count at which vsync goes high [11:8]
OSQ_VSYNC_RST_L
0x0BD1
R/W
[7:0]
0x0
vertical count at which vsync goes low [7:0]
OSQ_VSYNC_RST_H
0x0BD2
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
vertical count at which vsync goes low [11:8]
OSQ_HSYNC_SET_L
0x0BD3
R/W
[7:0]
0x0
horizontal count at which hsync goes high [7:0]
OSQ_HSYNC_SET_H
0x0BD4
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
horizontal count at which hsync goes high
[11:8]
OSQ_HSYNC_RST_L
0x0BD5
R/W
[7:0]
0x0
horizontal count at which hsync goes low [7:0]
OSQ_HSYNC_RST_H
0x0BD6
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
horizontal count at which hsync goes low [11:8]
OSQ_HENAB_SET_L
0x0BD7
R/W
[7:0]
0x0
horizontal count at which enab goes high [7:0]
OSQ_HENAB_SET_H
0x0BD8
[7:4]
Reserved
R/W
[3:0]
horizontal count at which enab goes high [11:8]
value must be greater than 0x01C
OSQ_HENAB_RST_L
0x0BD9
R/W
[7:0]
0x0
horizontal count at which enab goes low [7:0]
OSQ_HENAB_RST_H
0x0BDA
[7:4]
Reserved
R/W
[3:0]
horizontal count at which enab goes low [11:8]
OSQ_VENAB_SET_L
0x0BDB
R/W
[7:0]
0x0
vertical count at which enab goes high [7:0]
OSQ_VENAB_SET_H
0x0BDC
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
vertical count at which enab goes high [11:8]
OSQ_VENAB_RST_L
0x0BDD
R/W
[7:0]
0x0
vertical count at which enab goes low [7:0]
OSQ_VENAB_RST_H
0x0BDE
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
vertical count at which enab goes low [11:8]
OSQ_OUT_VCOUNT
0x0BDF
R
[7:0]
0x0
vertical counter /16 indicating the current frame
position
Table 19: Output Sequencer Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com