Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 39 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 35Page - STMicroelectronics ADE3000T Datasheet HTML 36Page - STMicroelectronics ADE3000T Datasheet HTML 37Page - STMicroelectronics ADE3000T Datasheet HTML 38Page - STMicroelectronics ADE3000T Datasheet HTML 39Page - STMicroelectronics ADE3000T Datasheet HTML 40Page - STMicroelectronics ADE3000T Datasheet HTML 41Page - STMicroelectronics ADE3000T Datasheet HTML 42Page - STMicroelectronics ADE3000T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
39/88
ADE3XXX
Sync Measurement Block
SMEAS_SKEW_STATUS
0x0154
[7:2]
0x0
Reserved
R
[1]
0x0
0: hsync to vsync skew above threshold
1: hsync to vsync skew below theshold
R
[0]
0x0
0: skew measurement running
1: skew measurement finished
SMEAS_V_OUTOF_RNG
0x0155
R
[7:0]
0x0
The number of times the XCLKs per vertical
reference/meas comparison has been out of
range. Maximum is 240. Clear by setting
SMEAS_CLEAR[1].
SMEAS_H_OUTOF_RNG
0x0156
R
[7:0]
0x0
The number of times the XCLKs per
horizontal reference/meas comparison has
been out of range. Maximum is 240. Clear by
setting SMEAS_CLEAR[1].
SMEAS_HV_OUTOF_RNG
0x0157
R
[7:0]
0x0
The number of times the horizontal per
vertical reference/meas comparison has
been out of range. Maximum is 240. Clear by
setting SMEAS_CLEAR[1].
SMEAS_VHI_OUTOF_RNG
0x0158
R
[7:0]
0x0
The number of times the vertical pulse width
in XCLKs reference/meas comparison has
been out of range. Maximum is 240. Clear by
setting SMEAS_CLEAR[1].
SMEAS_HPOL_OUTOF_RNG
0x0159
R
[7:0]
0x0
The number of times the horizontal polarity
reference/meas comparison has been out of
range. Maximum is 240. Clear by setting
SMEAS_CLEAR[1].
SMEAS_VPOL_OUTOF_RNG
0x015A
R
[7:0]
0x0
The number of times the vertical polarity
reference/meas comparison has been out of
range. Maximum is 240. Clear by setting
SMEAS_CLEAR[1].
Table 13: Sync Measurement Registers (Sheet 8 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com