Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 51 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 47Page - STMicroelectronics ADE3000T Datasheet HTML 48Page - STMicroelectronics ADE3000T Datasheet HTML 49Page - STMicroelectronics ADE3000T Datasheet HTML 50Page - STMicroelectronics ADE3000T Datasheet HTML 51Page - STMicroelectronics ADE3000T Datasheet HTML 52Page - STMicroelectronics ADE3000T Datasheet HTML 53Page - STMicroelectronics ADE3000T Datasheet HTML 54Page - STMicroelectronics ADE3000T Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
51/88
ADE3XXX
Scaler Block
SCL_LUT15
0x0A26
R/W
[7:0]
0x0C
sigmoidal function LUT entry 15, 8b 2’s
complement
SCL_BGCOLOR_R
0x0A27
R/W
[7:0]
0x0
red component of background color
SCL_BGCOLOR_G
0x0A28
R/W
[7:0]
0x0
green component of background color
SCL_BGCOLOR_B
0x0A29
R/W
[7:0]
0x0
blue component of background color
SCL_BCOLOR_CTRL
0x0A2A
R/W
[7]
0x0
0: normal
1: force image to background color
R/W
[6]
0x0
top & botton border control
0: pixel replicating
1: background color blending
R/W
[5]
0x0
left & right border control:
0: pixel replicating
1: background color blending
R/W
[4]
0x0
force output data as described in bit [1] when
the maximum output vertical is reached.
R/W
[3]
0x0
force output data as described in bit [1] when
an abnormal codition is detected by the sync
measurement module.
R/W
[2]
0x0
When the scaler is not running, force the
ouput data to black if this bit is 0 or to the
background color if the bit is 1.
R/W
[1]
0x0
If an abnormality is detected in the sync
measurement module or if the maximum
output vertical total has been reached, force
the ouput data to black if this bit is 0 or to
white if this bit is 1.
R/W
[0]
0x0
During blanking, force output data to black if
this bit is 0 or to the background color if this
bit is 1.
SCL_AVERAGE_IK
0x0AF0
[7:3]
Reserved
R/W
[2:1]
0x0
0x0: bypass
0x1: horizontal average by 2
0x2: horizontal average by 4
0x3: horizontal average by 8
R/W
[0]
0x0
0: no pixel average
1: enable pixel averager
This function is only necessary if the input
horizontal resolution is greater than 1280
pixels.
SCL_FLIP_H_IK
0x0AF1
[7:1]
Reserved
R/W
[0]
0x0
horizontal flip enable
Table 18: Scaler Block Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com