Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 36 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 32Page - STMicroelectronics ADE3000T Datasheet HTML 33Page - STMicroelectronics ADE3000T Datasheet HTML 34Page - STMicroelectronics ADE3000T Datasheet HTML 35Page - STMicroelectronics ADE3000T Datasheet HTML 36Page - STMicroelectronics ADE3000T Datasheet HTML 37Page - STMicroelectronics ADE3000T Datasheet HTML 38Page - STMicroelectronics ADE3000T Datasheet HTML 39Page - STMicroelectronics ADE3000T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
Sync Measurement Block
ADE3XXX
36/88
SMEAS_SKEW_CTRL
0x011D
[7:3]
0x0
Reserved
R/W
[2]
0x0
1 = delay vsync a number of XCLKs
specified in SMEAS_DELAY_VSYNC
[1]
0x0
Reserved
R/W
[0]
0x0
Write a rising edge to start the hv-skew
measurement.
SMEAS_SKEW_THRES
0x011E
R
[7:0]
0x5
Test skew limit in XCLKs. If the skew is less
than this test limit, the
SMEASE_SKEW_STATUS register will
report an error condition.
SMEAS_DELAY_VSYNC should be
reprogrammed until the skew is large
enough to prevent vcount ambiguity.
SMEAS_DELAY_VSYNC
0x011F
R/W
[7:0]
0x3
Number of XCLKs to delay vsync.
SMEAS_REF_XK_PER_H_L
0x0120
R/W
[7:0]
0x0
Reference value for XCLKs per horizontal
event
actual value = programmed value + 1
SMEAS_REF_XK_PER_H_M
0x0121
R/W
[7:0]
0x0
SMEAS_REF_XK_PER_H_H
0x0122
R/W
[7:0]
0x0
SMEAS_REF_XK_PER_V_L
0x0123
R/W
[7:0]
0x0
Reference value for XCLKs per vertical
event
actual value = programmed value + 2
SMEAS_REF_XK_PER_V_M
0x0124
R/W
[7:0]
0x0
SMEAS_REF_XK_PER_V_H
0x0125
R/W
[7:0]
0x0
SMEAS_REF_H_PER_V_L
0x0126
R/W
[7:0]
0x0
Reference value for horizontal events per
vertical event
SMEAS_REF_H_PER_V_H
0x0127
R/W
[7:0]
0x0
SMEAS_REF_XK_V_PER_HI_L
0x0128
R/W
[7:0]
0x0
Reference value for vertical pulse width
measurement result in XCLKs.
actual value = programmed value + 1
SMEAS_REF_XK_V_PER_HI_M
0x0129
R/W
[7:0]
0x0
SMEAS_REF_XK_V_PER_HI_H
0x012A
R/W
[7:0]
0x0
SMEAS_REF_POLARITY
0x012B
[7:2]
0x0
Reserved
R/W
[1]
0x0
Reference value for Hsync polarity.
0: active low
1: active high
R/W
[0]
0x0
Reference value for Vsync polarity.
0: active low
1: active high
SMEAS_XK_HTOL_EXP
0x012C
R/W
[7:4]
0x0
Reserved
[3:0]
0x0
Horizontal tolerance; +/- 2n XCLKs
SMEAS_XK_VTOL_EXP
0x012D
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
Vertical tolerance; +/- 2n XCLKs
SMEAS_HSYNC_VTOL
0x012E
[7:4]
0x0
Reserved
R/W
[3:0]
0x0
Horizontal per vertical tolerance, +/- 2n
SMEAS_FILTR_HS_WIDTH
0x012F
R/W
[7:0]
0x1
Refer to register 0x0111
SMEAS_ACT_POLLING
0x013F
[7:1]
0x0
Reserved
R
[0]
0x0
Toggle on activity status update in Free-
running mode. No function in one-shot
mode.
Table 13: Sync Measurement Registers (Sheet 5 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com