Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000T Datasheet(PDF) 33 Page - STMicroelectronics

Part # ADE3000T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ADE3000T Datasheet HTML 29Page - STMicroelectronics ADE3000T Datasheet HTML 30Page - STMicroelectronics ADE3000T Datasheet HTML 31Page - STMicroelectronics ADE3000T Datasheet HTML 32Page - STMicroelectronics ADE3000T Datasheet HTML 33Page - STMicroelectronics ADE3000T Datasheet HTML 34Page - STMicroelectronics ADE3000T Datasheet HTML 35Page - STMicroelectronics ADE3000T Datasheet HTML 36Page - STMicroelectronics ADE3000T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
33/88
ADE3XXX
Sync Measurement Block
SMEAS_CLEAR
0x0110
[7:3]
Reserved
R/W
[2]
0x0
clear sticky status bits
R/W
[1]
0x0
clear all out-of-range event counters
R/W
[0]
0x0
clear all result registers
SMEAS_H_CTRL
0x0111
[7]
0x0
Reserved
R/W
[6]
0x0
Enable Hsync Filter
All hsync pulses less than
SMEAS_FILTER_HS_WIDTH will be
ignored.
R/W
[5]
0x0
Measure hsync in the absence of vsync
R/W
[4]
0x0
Enable Horizontal Measurement in Free-
running mode
R/W
[3]
0x0
Horizontal Event Edge Select
0: positive edge
1: negative edge
R/W
[2]
0x0
Freeze horizontal measurements results
during Free-running mode. No meaning in
One-shot mode.
0: Do not freeze measurement results. New
result will be available on the next and
subsequent toggle of the polling bit.
1: Freeze the current results. The polling bit
will still toggle and the block continues to free
run; however, results will not be updated.
R/W
[1]
0x0
Horizontal Measurement Start
In one-shot mode, this bit triggers the start of
a measurement. The bit is reset to zero
when the measurement is complete.
R/W
[0]
0x0
Horizontal Measurement Mode
0: Free-running
1: One-shot
Table 13: Sync Measurement Registers (Sheet 2 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com