Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 17Page - Microchip Technology MIC24045 Datasheet HTML 18Page - Microchip Technology MIC24045 Datasheet HTML 19Page - Microchip Technology MIC24045 Datasheet HTML 20Page - Microchip Technology MIC24045 Datasheet HTML 21Page - Microchip Technology MIC24045 Datasheet HTML 22Page - Microchip Technology MIC24045 Datasheet HTML 23Page - Microchip Technology MIC24045 Datasheet HTML 24Page - Microchip Technology MIC24045 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 21
MIC24045
FIGURE 4-2:
Hiccup Short-Circuit Protection Flowchart.
START
CLEAR
LS OC EVENTS
COUNTER
CLOCK PULSE
(MARKING HS
TURN-OFF,
LS TURN-ON)
IDLE LOOP
IN NORMAL
OPERATION
LS OC EVENT
DETECTED?
EVENT
COUNTER = 0
DECREMENT
EVENT
COUNTER
EVENT COUNTER
FULL?
INCREMENT
EVENT
COUNTER
INITIATE HICCUP
SEQUENCE
STOP SWITCHING
HS AND LS
WAIT INHIBITED TIME
CLEAR
LS OC EVENTS
COUNTER
INITIATE SOFT-START
ENABLE SWITCHING
YES
YES
YES
NO
NO
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com