Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 35Page - Microchip Technology MIC24045 Datasheet HTML 36Page - Microchip Technology MIC24045 Datasheet HTML 37Page - Microchip Technology MIC24045 Datasheet HTML 38Page - Microchip Technology MIC24045 Datasheet HTML 39Page - Microchip Technology MIC24045 Datasheet HTML 40Page - Microchip Technology MIC24045 Datasheet HTML 41Page - Microchip Technology MIC24045 Datasheet HTML 42Page - Microchip Technology MIC24045 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 39
MIC24045
8.5.5
BLOCK WRITE (AUTO-INCREMENT
MODE)
This command writes data to the designated register
and to all the following registers that are specified
through the command byte. Bit<6> of the command
byte indicates the Auto-Increment mode. If this bit is
set, the address gets incremented by one automatically
and the registers are written in order, starting from the
address provided by the command byte.
The Block/Auto-Increment Write command is as
follows and it is illustrated in the timing diagram of
Figure 8-7 below.
1.
Send START sequence
2.
Send 7-bit slave address
3.
Send the R/W bit - 0 to indicate a write operation
4.
Wait for acknowledge from the slave
5.
Send the command byte – address that needs to
be written with Bit<6> set high to indicate the
Auto-Increment Write mode.
6.
Wait for acknowledge from the slave.
7.
Receive the 8-bit data from the master and write
it to the slave register indicated in step 5,
starting from MSB.
8.
Acknowledge from the slave
9.
Repeat steps 7 and 8 until the entire data is sent
10. Send STOP sequence
FIGURE 8-7:
Block Write Timing Diagram.
1
0
SDA
SCL
S
0
A
A
A
1
2
3
4
5
6
7
8
9
START condition
R/W
ACK from Slave
Slave address
Command byte
ACK from Slave
Data to port
P
Data out from port
DATA 1 VALID
DATA 1
ACK from Slave
Data to port
A
DATA 1
Data to port
A
ACK from Slave
ACK from Slave
DATA 1
STOP condition
DATA 2 VALID
DATA n VALID
Note:
If the master is using a non-existing
register location, a reject (NACK) will be
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com