Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 1 Page - Microchip Technology

  MIC24045 Datasheet HTML 1Page - Microchip Technology MIC24045 Datasheet HTML 2Page - Microchip Technology MIC24045 Datasheet HTML 3Page - Microchip Technology MIC24045 Datasheet HTML 4Page - Microchip Technology MIC24045 Datasheet HTML 5Page - Microchip Technology MIC24045 Datasheet HTML 6Page - Microchip Technology MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 1
MIC24045
Features
• 4.5V to 19V Input Voltage Range
• 5A (maximum) Output Current
•I2C Programmable Output Voltage:
- 0.64V to 5.25V in 5 mV, 10 mV, 30 mV and
50 mV steps
• High Efficiency (>95%)
•I2C Programmability of:
- Soft-Start: 0.16, 0.38, 0.76 and 1.5V/ms ramp
rates
- Switching Frequency: 310 kHz, 400 kHz,
500 kHz, 570 kHz, 660 kHz, 780 kHz, 1 MHz,
1.2 MHz
- Current Limits for 2A, 3A, 4A and 5A loads
- Output Voltage Margining: -5%, +5%
- Start-up delays: 0 ms to 10 ms
• ±1% Output Voltage Accuracy Over Temperature
(0.64V to 1.95V)
• Supports Safe Start-Up with Pre-Biased Output
• Extensive Diagnostics through I2C Interface
Applications
• Servers, Data Storage, Routers and Base
Stations
• FPGAs, DSP and Low-Voltage ASIC Power
General Description
The MIC24045 is an I2C-programmable, high-effi-
ciency, wide input range, 5A synchronous step-down
regulator. The MIC24045 is perfectly suited for multiple
voltage rail application environments, typically found in
computing and telecommunication systems. In the
MIC24045 various parameters can be programmed via
I2C, such as output voltage, switching frequency,
soft-start slope, margining, current limit values and
start-up delays. The wide switching frequency
adjustment range, valley current-mode control tech-
nique, high-performance error amplifier and external
compensation allow for the best trade-offs between
high efficiency and the smallest possible solution size.
The MIC24045 supports extensive diagnostics and
status information through I2C.
The MIC24045 pinout is compatible with the MIC24046
pin-strapping programmable regulator pinout, such that
I2C-based implementations can be easily converted
into pin-programmable ones.
The MIC24045 is available in a thermally-efficient,
space-saving 20-pin 3 mm x 3 mm FQFN package,
with an operating junction temperature range from
-40°C to +125°C.
Typical Application
LX
BST
VOUT
0.64V to 5.25V
VDDA
ADR1
AGND
ADR0
COMP
EN
OUTSNS
MIC24045
VIN
VIN
4.5V to 19V
PGND
VDDP
VINLDO
VDDA
Address
Selection
VDDA
VDDA
ENABLE
PG
PGOOD
SCL
SDA
I
2C
I2C Programmable, 4.5V-19V Input,
5A Step-Down Converter


Similar Part No. - MIC24045

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046-HYFL MICREL-MIC24046-HYFL Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046YFL MICREL-MIC24046YFL Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
More results

Similar Description - MIC24045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Texas Instruments
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com