Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 2Page - Microchip Technology MIC24045 Datasheet HTML 3Page - Microchip Technology MIC24045 Datasheet HTML 4Page - Microchip Technology MIC24045 Datasheet HTML 5Page - Microchip Technology MIC24045 Datasheet HTML 6Page - Microchip Technology MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology MIC24045 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MIC24045
DS20005568A-page 6
 2016 Microchip Technology Inc.
Output Voltage Accuracy for
Range 3 and 4
OutErr34
-1.5
—
1.5
%
4.75V
 VIN  19V for
VOUT = 1.98V to 3.42V,
6V
 VIN  19V for VOUT = 4.75V to
5.25V,
TA =TJ = -40°C to +125°C,
IOUT =0A
Load Regulation
LoadReg
—
0.2
—
%
IOUT = 0A to 5A, VOUT =3.3V
Line Regulation
LineReg
—
0.1
—
%
6V < VIN <19V, IOUT = 2A
Internal Soft-Start
Reference Soft-Start
Slew Rate 0
SS_SR0
—
0.16
—
V/ms
VOUT = 0.64 to 1.28V
Reference Soft-Start
Slew Rate 1
SS_SR1
—
0.38
V/ms
VOUT = 0.64 to 1.28V
Reference Soft-Start
Slew Rate 2
SS_SR2
—
0.76
V/ms
VOUT = 0.64 to 1.28V
Reference Soft-Start
Slew Rate 3
SS_SR3
—
1.5
V/ms
VOUT = 0.64 to 1.28V
Power Good (PG)
PG Low Voltage
PG_VOL
—0.18
0.4
VI(PG) =4 mA
PG Leakage Current
PG_ILEAK
-1
0.02
1
µA
VPG =5V
PG Rise Threshold
PG_R
90
92.5
95
%VOUT Rising
PG Fall Threshold
PG_F
87.5
90
92.5
%VOUT Falling
PG Rise Delay
PG_R_DLY
—
0.45
—
ms
VOUT Rising
PG Fall Delay
PG_F_DLY
—
80
—
µs
VOUT Falling
Thermal Shutdown
Thermal Shutdown
TSHDN
—
160
—
°C
Thermal-Shutdown Hysteresis
TSHDN_HYST
—25—
°C
Thermal Warning Threshold
TThWrn
—
120
—
°C
Efficiency
Efficiency
η
—82.3—
%
VIN = 12V, VOUT =0.9V, IOUT =2A,
fS = 400 kHz, L = 1.2 µH,
TA =+25°C
I2C Interface
SDA, SCL VIH
VIH
2—
—
V
VDDA = 5V (levels are 3.3V
compatible)
SDA, SCL VIL
VIL
——
1
V
VDDA = 5V (levels are 3.3V
compatible)
SDA, SCL Input High/Low
Current
IIH, IIL
-1
—
1
µA
SDA Output Low Voltage
VOL
——
0.4
V
ISDA =3 mA
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Specifications:
unless otherwise specified, VIN =VINLDO = 12V; CVDDA =2.2 µF, CVDDP =2.2 µF, TA =+25°C.
Boldface
values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com