Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 12Page - Microchip Technology MIC24045 Datasheet HTML 13Page - Microchip Technology MIC24045 Datasheet HTML 14Page - Microchip Technology MIC24045 Datasheet HTML 15Page - Microchip Technology MIC24045 Datasheet HTML 16Page - Microchip Technology MIC24045 Datasheet HTML 17Page - Microchip Technology MIC24045 Datasheet HTML 18Page - Microchip Technology MIC24045 Datasheet HTML 19Page - Microchip Technology MIC24045 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MIC24045
DS20005568A-page 16
 2016 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Input Voltage Pin (VIN)
Input Voltage pin for the Buck converter power stage.
These pins are the drain terminal of the internal
high-side N-channel MOSFET. A 10 µF minimum
ceramic capacitor should be connected from VIN to the
PGND pins as close as possible to the device. A combi-
nation of multiple ceramic capacitors of different sizes
is recommended.
3.2
Power Ground Pin (PGND)
Low-side MOSFET source terminal and low-side driver
return. Connect the ceramic input capacitors to PGND
as close as possible to the device.
3.3
Switch Node Pin (LX)
Drain (low-side MOSFET) and source (high-side
MOSFET) connection of the internal power N-channel
FETs. The external inductor (switched side) and
bootstrap capacitor (bottom terminal) must be
connected to these pins.
3.4
Bootstrap Capacitor Pin (BST)
Supply voltage for the driver of the high-side N-channel
power MOSFET. Connect the bootstrap capacitor (top
terminal) to this pin.
3.5
Power Good Output Pin (PG)
When the output voltage is within 92.5% of the nominal
set point, this pin will go from logic low to logic high
through an external pull-up resistor. This pin is the drain
connection of an internal N-channel FET.
3.6
I2C Address Programming Pin 0
(ADR0)
Three-state pin (low, high and high-Z) for I2C address
programming. Together with ADR1, ADR0 defines nine
logic values corresponding to nine I2C addresses.
3.7
I2C Address Programming Pin 1
(ADR1)
Three-state pin (low, high and high-Z) for I2C address
programming. Together with ADR0, ADR1 defines nine
logic values corresponding to nine I2C addresses.
TABLE 3-1:
PIN FUNCTION TABLE
MIC24045
Symbol
Pin Function
1, 2
VIN
Input Voltage Pin
3, 4, 13
PGND
Power Ground Pin
5, 6
LX
Switch Node Pin
7
BST
Bootstrap Capacitor Pin. A bootstrap capacitor is connected
between the BST and LX pins.
8
PG
Power Good Open-Drain Output Pin
9
ADR0
I2C Address Programming Pin 0
10
ADR1
I2C Address Programming Pin 1
11
SCL
I2C Clock Input Pin
12
SDA
I2C Data Input/Output Pin
14
AGND
Analog Ground Pin
15
COMP
Transconductance Error Amplifier Output Pin. Connect the com-
pensation network from COMP to AGND.
16
OUTSNS
Output Sensing Pin
17
EN
Precision Enable Input Pin
18
VDDA
Internal Regulator Output Pin
19
VDDP
MOSFET Drivers Internal Supply Pin
20
VINLDO
Internal Regulator Input Pin
21
VIN_EP
VIN Exposed Pad. Electrically connected to VIN.
22
PGND_EP
PGND Exposed Pad. Electrically connected to PGND.
23
LX_EP
LX Exposed Pad. Electrically connected to LX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com