Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 31Page - Microchip Technology MIC24045 Datasheet HTML 32Page - Microchip Technology MIC24045 Datasheet HTML 33Page - Microchip Technology MIC24045 Datasheet HTML 34Page - Microchip Technology MIC24045 Datasheet HTML 35Page - Microchip Technology MIC24045 Datasheet HTML 36Page - Microchip Technology MIC24045 Datasheet HTML 37Page - Microchip Technology MIC24045 Datasheet HTML 38Page - Microchip Technology MIC24045 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 35
MIC24045
8.3
Device Address
The MIC24045 device uses a 7-bit address, which is
set in hardware, using three-state pins ADR0 and
ADR1 (HIGH, LOW, or high-Z). These two three-state
pins allow for nine different addresses, as described in
Table 8-1 below.
8.4
Acknowledge
The number of data bytes transferred between the
START and the STOP conditions, from transmitter to
receiver, is not limited. Each byte of eight bits is fol-
lowed by one Acknowledge bit. The Acknowledge bit is
a HIGH level put on the bus by the transmitter, whereas
the master generates an extra acknowledge-related
clock pulse. The device that acknowledges has to pull
down the SDA line during the acknowledge clock pulse,
so that the SDA line is stable LOW during the HIGH
period of the acknowledge-related clock pulse; setup
and hold times must be taken into account.
A slave receiver which is addressed must generate an
acknowledge after the reception of each byte.
Also, a master receiver must generate an acknowledge
after the reception of each byte that has been clocked
out of the slave transmitter, except on the last received
byte. A master receiver must signal an end of data to
the transmitter by not generating an acknowledge on
the last byte that has been clocked out of the slave
transmitter. In this event, the transmitter must leave the
data line HIGH to enable the master to generate a
STOP condition.
8.5
Bus transactions
8.5.1
SINGLE WRITE
The first seven bits of the first byte make up the slave
address. The eighth bit is the LSB (Least Significant
bit). It determines the direction of the message (R/W).
A ‘zero’ in the least significant position of the first byte
means that the master will write information to a
selected slave. A ‘1’ in this position means that the
master will read information from the slave. When an
address is sent, each device in a system compares the
first seven bits after the START condition with its
address. If they match, the device considers itself
addressed by the master as a slave-receiver or
slave-transmitter, depending on the R/W bit.
Command byte is a data byte which selects a register
on the device. The Least Significant six bits of the com-
mand byte determine the address of the register that
needs to be written.
The data to port is the 8-bit data that needs to be written
to the selected register. This is followed by the
acknowledge from the slave and then the STOP condi-
tion.
The Write command is as follows and it is illustrated in
the timing diagram below:
1.
Send START sequence
2.
Send 7-bit slave address
3.
Send the R/W bit - 0 to indicate a write operation
4.
Wait for acknowledge from the slave
5.
Send the command byte – address that needs to
be written
6.
Wait for acknowledge from the slave
7.
Receive the 8-bit data from the master and write
it to the slave register indicated in step 5 starting
from MSB
8.
Acknowledge from the slave
9.
Send STOP sequence
FIGURE 8-3:
Single Write Timing Diagram.
TABLE 8-1:
MIC24045 I2C ADDRESS
SETTING
ADR1
ADR0
I2C Address
0
0
101 0000
0
1
101 0001
1
0
101 0010
1
1
101 0011
0
high-Z
101 0100
high-Z
0
101 0101
1
high-Z
101 0110
high-Z
1
101 0111
high-Z
high-Z
101 1000
0
0
SDA
SCL
S
0
A
A
DATA 1
A
1
2
3
4
5
6
7
8
9
START condition
R/W ACK from
Slave
Slave address
Command byte
ACK from
Slave
ACK from
Slave
Data to port
P
Data out from port
DATA 1 VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com