Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 26Page - Microchip Technology MIC24045 Datasheet HTML 27Page - Microchip Technology MIC24045 Datasheet HTML 28Page - Microchip Technology MIC24045 Datasheet HTML 29Page - Microchip Technology MIC24045 Datasheet HTML 30Page - Microchip Technology MIC24045 Datasheet HTML 31Page - Microchip Technology MIC24045 Datasheet HTML 32Page - Microchip Technology MIC24045 Datasheet HTML 33Page - Microchip Technology MIC24045 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
MIC24045
DS20005568A-page 30
 2016 Microchip Technology Inc.
From the switching frequency, input voltage, output
voltage setting, and load current, the peak-to-peak
inductor current ripple and the peak inductor current
can be calculated as:
EQUATION 7-4:
EQUATION 7-5:
The capacitive ripple
VR,C and the ESR ripple
VR,ESR are given by:
EQUATION 7-6:
EQUATION 7-7:
The
total
peak-to-peak
output ripple is then
conservatively estimated as:
EQUATION 7-8:
The output capacitor value and the ESR should be
chosen so that
VR is within specifications. Capacitor
tolerance should be considered for worst-case calcula-
tions. In the case of ceramic output capacitors, factor
into account the decrease of effective capacitance
versus applied DC bias.
The worst-case load transient for output capacitor cal-
culation is an instantaneous 100% to 0% load release
when the inductor current is at its peak value. In this
case, all the energy stored in the inductor is absorbed
by the output capacitor while the converter stops
switching and keeps the low-side FET ON.
The peak output voltage overshoot (
VOUT) happens
when the inductor current has decayed to zero. This
can be calculated with Equation 7-9:
EQUATION 7-9:
Equation 7-10
calculates
the
minimum
output
capacitance value (COUT(MIN)) needed to limit the
output overshoot below
VOUT.
EQUATION 7-10:
The result from the minimum output capacitance value
for load transient is the most stringent requirement
found for capacitor value in most applications. Low
equivalent series resistance (ESR) ceramic output
capacitors, with X5R or X7R temperature characteris-
tics, are recommended.
For low-output voltage applications with demanding
load transient requirements, using a combination of
polarized and ceramic output capacitors may be most
convenient for smallest solution size.
7.6
Input Capacitor Selection
Two main requirements determine the size and charac-
teristics of the input capacitor:
• Steady-state ripple
• RMS current
The buck converter input current is a pulse train with
very fast rising and falling times so low-ESR ceramic
capacitors are recommended for input filtering,
because of their good high-frequency characteristics.
For ideal input filtering (assuming a DC input current
feeding the filtered buck power stage) and by neglect-
ing the capacitor ESR contribution to the input ripple
(typically possible for ceramic input capacitors), the
minimum capacitance value CIN(MIN) needed for a
given input peak-to-peak ripple voltage
Vr,IN can be
estimated as shown in Equation 7-11:
EQUATION 7-11:
I
L_PP
V
OUT
1V
OUT VIN
–
f
S
L
-----------------------------------


=
I
L,PEAK
I
OUT
I
L_PP
2
----------------
+
=
V
R,C
I
L_PP
8f
S
C
OUT
----------------------------------
=
V
R,ESR
ESR
I
L_PP
=
V
R
V
R,C
V
R,ESR
+
V
OUT
V
OUT
2
L
C
OUT
--------------I
L,PEAK
2
+V
OUT
–
=
C
OUT(MIN)
L
I
L,PEAK
2
V
OUT
V
OUT
+

2
V
2
OUT
–
--------------------------------------------------------------------
=
C
IN(MIN)
I
OUT
D
1D
–

V
r,IN
f
S
-----------------------------------------------
=
where:
D = the duty cycle at the given operating point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com