Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 32 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 28Page - Microchip Technology MIC24045 Datasheet HTML 29Page - Microchip Technology MIC24045 Datasheet HTML 30Page - Microchip Technology MIC24045 Datasheet HTML 31Page - Microchip Technology MIC24045 Datasheet HTML 32Page - Microchip Technology MIC24045 Datasheet HTML 33Page - Microchip Technology MIC24045 Datasheet HTML 34Page - Microchip Technology MIC24045 Datasheet HTML 35Page - Microchip Technology MIC24045 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
MIC24045
DS20005568A-page 32
 2016 Microchip Technology Inc.
The overall voltage loop gain TV(S) is the product of the
control-to-output
and
the
compensator
transfer
functions:
EQUATION 7-15:
The value of the attenuation ratio R1/(R1 + R2)
depends on the output voltage selection and can be
retrieved as illustrated in Table 7-2:
The compensation design process is as follows:
1.
Set the TV(S) loop gain crossover frequency fXO
in the range fS/20 to fS/10. Lower values of fXO
allow a more predictable and robust phase mar-
gin. Higher values of fXO would involve addi-
tional considerations about the current loop
bandwidth in order to achieve a robust phase
margin. Taking a more conservative approach is
highly recommended.
EQUATION 7-16:
2.
Select RC1 to achieve the target crossover fre-
quency fXO of the overall voltage loop. This typ-
ically happens where the power stage transfer
function GCO(S) is rolling off at -20 dB/dec. The
compensator transfer function HC(S) is in the
so-called mid-band gain region where CC1 can
be considered a DC-blocking short circuit while
CC2 can still be considered as an open circuit, as
calculated in Equation 7-17:
EQUATION 7-17:
3.
Select capacitor CC1 to place the compensator
zero at the load pole. The load pole moves
around with load variations, so, to calculate the
load pole, use as a load resistance RL the equiv-
alent value that yields the nominal output current
IOUT of the application at the output voltage
VOUT, as shown in: Equation 7-18 and
Equation 7-19:
EQUATION 7-18:
EQUATION 7-19:
4.
Select capacitor CC2 to place the compensator
pole at the output capacitor ESR zero frequency
fZ, or at  5fXO, whichever is lower.
The CC2 is intended for placing the compensator pole
at the frequency of the output capacitor ESR zero,
and/or achieve additional switching ripple/noise
attenuation.
If the output capacitor is a polarized one, its ESR zero
will typically occur at low enough frequencies to cause
the loop gain to flatten out and not roll-off at a
-20 dB/decade slope around, or just after the crossover
frequency fXO. This causes undesirable scarce
compensation design robustness and switching noise
susceptibility. The compensator pole is then used to
cancel the output capacitor ESR zero and achieve a
well-behaved roll-off of the loop gain above the
crossover frequency.
If the output capacitors are only ceramic, then the ESR
zeroes frequencies could be very high. In many cases,
the frequencies could even be above the switching fre-
quency itself. Loop gain roll-off at -20 dB/decade well
beyond the crossover frequency is ensured, but even in
this case, it is good practice to still make use of the
compensator pole to further attenuate switching noise,
while conserving phase margin at the crossover fre-
quency. For example, setting the compensator pole at
5 fXO, will limit its associated phase loss at the cross-
over frequency to about 11°. Placement at even higher
frequencies N × fXO (N > 5) will reduce phase loss even
further, at the expense of less noise/ripple attenuation
at the switching frequency. Some attenuation of the
switching frequency noise/ripple is achieved as long as
N× fXO < fS.
TABLE 7-2:
INTERNAL FEEDBACK
DIVIDER ATTENUATION
VALUES
VOUT Range
R1/(R1 + R2)
A
(A =1 +R2/R1)
0.640V – 1.280V
1
1
1.290V – 1.950V
0.5
2
1.980V – 3.420V
0.333
3
4.750V – 5.250V
0.2
4
T
VS

G
CO S

H
CS

=
f
XO
f
S
20
------
R
C1
R1
R2
+
R1
---------------------

 2COUT
f
XO
Gm
EA
Gm
PS
------------------------------------------
=
R
L
V
OUT
I
OUT
-------------
=
C
C1
C
OUT
ESR
R
L
+

R
C1
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com