Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 4 Page - Microchip Technology

  MIC24045 Datasheet HTML 1Page - Microchip Technology MIC24045 Datasheet HTML 2Page - Microchip Technology MIC24045 Datasheet HTML 3Page - Microchip Technology MIC24045 Datasheet HTML 4Page - Microchip Technology MIC24045 Datasheet HTML 5Page - Microchip Technology MIC24045 Datasheet HTML 6Page - Microchip Technology MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MIC24045
DS20005568A-page 4
 2016 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Specifications:
unless otherwise specified, VIN =VINLDO = 12V; CVDDA =2.2 µF, CVDDP =2.2 µF, TA =+25°C.
Boldface
values indicate -40°C
 TJ  +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
VIN Supply
Input Range
VIN
4.5
—
19
V
Disable Current
IVINQ
—0.2
2
µA
EN = 0V
Disable Current
IVINLDOQ
—0.6
1
mA
EN = 0V
Operating Current
IVINOp
—
0.3
0.5
mA
EN > 1.28V, ILIM<1:0> = 00,
OUTSNS = 1.15 x VOUT(NOM),
no switching, TA =TJ =+25°C
Operating Current
IVINLDOOp
—4.5
7
mA
EN > 1.28V,
OUTSNS = 1.15 x VOUT(NOM),
no switching, TA =TJ =+25°C
VDDA 5V Supply
Operating Voltage
VDDA
4.8
5.1
5.4
VIVDDA = 0 mA to 10 mA
Dropout Operation
3.6
4.2
—
V
VINLDO = 4.5V, IVDDA =10mA
VDDA Undervoltage Lockout
VDDA UVLO Rising
UVLO_R
3.1
3.5
3.9
VVDDA Rising, EN > 1.28V
VDDA UVLO Falling
UVLO_F
2.87
3.2
3.45
VVDDA Falling, EN > 1.28V
VDDA UVLO Hysteresis
UVLO_H
—
300
—
mV
EN Control
EN Rising Threshold
EN_R
1.14
1.21
1.28
V
Initiates power-stage operation
EN Falling Threshold
EN_F
—
1.07
—
V
Stops power-stage operation
EN Hysteresis
EN_H
—
135
—
mV
EN Pull-Down Current
EN_I
1
2
3
µA
TA =TJ = +25°C
Switching Frequency
Programmable Frequency 0
fs0
270
310
350
kHz
Programmable Frequency 1
fs1
350
400
450
kHz
Programmable Frequency 2
fs2
450
500
550
kHz
Programmable Frequency 3
fs3
510
570
630
kHz
Programmable Frequency 4
fs4
590
660
740
kHz
Programmable Frequency 5
fs5
680
780
880
kHz
Programmable Frequency 6
fs6
850
970
1100
kHz
Programmable Frequency 7
fs7
1050
1200
1350
kHz
Overcurrent Protection
HS Current Limit 0
ILIM_HS0
4.0
4.7
6.5
A
HS Current Limit 1
ILIM_HS1
5.4
6.2
7.6
A
HS Current Limit 2
ILIM_HS2
7.6
8.6
10.6
A
HS Current Limit 3
ILIM_HS3
8.2
9.4
12.0
A
High Side FET Current-Limit
Leading Edge-Blanking Time
LEB
—
108
—
ns
LS Current Limit 0
ILIM_LS0
2.0
3.25
5.0
A
LS Current Limit 1
ILIM_LS1
3.0
4.3
6.0
A
LS Current Limit 2
ILIM_LS2
4.0
5.6
7.5
A
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com