Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 13Page - Microchip Technology MIC24045 Datasheet HTML 14Page - Microchip Technology MIC24045 Datasheet HTML 15Page - Microchip Technology MIC24045 Datasheet HTML 16Page - Microchip Technology MIC24045 Datasheet HTML 17Page - Microchip Technology MIC24045 Datasheet HTML 18Page - Microchip Technology MIC24045 Datasheet HTML 19Page - Microchip Technology MIC24045 Datasheet HTML 20Page - Microchip Technology MIC24045 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 17
MIC24045
3.8
I2C Clock Input Pin (SCL)
The SCL pin is the serial interfaces Serial Clock
pin.This pin is connected to the Host Controllers SCL
pin.
The MIC24045 is a slave device, so its SCL pin accepts
only external clock signals.
3.9
I2C Data Input/Output Pin (SDA)
The SDA pin is the serial interface Serial Data pin. This
pin is connected to the Host Controllers SDA pin. The
SDA pin has an open-drain N-channel driver.
3.10
Analog Ground Pin (AGND)
This pin is a quiet ground for the analog circuitry of the
internal regulator and a return terminal for the external
compensation network.
3.11
Transconductance Error Amplifier
Output Pin (COMP)
Connect a compensation network from this pin to
AGND.
3.12
Output Sensing Pin (OUTSNS)
Connect this pin directly to the buck converter output
voltage. This pin is the top side terminal of the internal
feedback divider.
3.13
Precision Enable Input Pin (EN)
The EN pin is compared to a 1.21V typical threshold to
determine the turn-on of the device. After reaching the
turn-on threshold, the I2C-programmable turn-on delay
counter starts. A 2 µA (typical) current source pulls
down the EN pin to prevent unwanted power delivery in
case of a floating EN input. A 135 mV typical hysteresis
prevents chattering when power delivery is started.
3.14
Internal Regulator Output Pin
(VDDA)
Output of the internal linear regulator and internal sup-
ply for analog control. A 1 µF minimum ceramic capac-
itor should be connected from this pin to AGND; a 2.2 µF
typical value is recommended.
3.15
MOSFET Drivers Internal Supply
Pin (VDDP)
Internal supply rail for the MOSFET drivers, fed by the
VDDA pin. An internal resistor (10) between the VDDP
and VDDA pins is provided in the regulator in order to
implement an RC filter for switching noise suppression.
A 1 µF minimum ceramic capacitor should be
connected from this pin to PGND; a 2.2 µF typical value
is recommended.
3.16
Internal Regulator Input Pin
(VINLDO)
This pin is typically connected to the input voltage of the
buck converter stage (VIN). If VINLDO and VIN are
connected to different voltage rails, individually bypass
VINLDO to ground with a 100 nF ceramic capacitor.
3.17
PGND Exposed Pad (PGND_EP)
Electrically connected to PGND pins. Connect with
thermal vias to the ground plane to ensure adequate
heat-sinking.
See
Section 9.0
“Packaging
Information”
.
3.18
VIN Exposed Pad (VIN_EX)
Electrically connected to VIN pins. If an input power dis-
tribution plane is available, connect with thermal vias to
that plane to improve heat-sinking. See Section 9.0
“Packaging Information”
.
3.19
LX Exposed Pad (LX_EP)
Electrically connected to LX pins. See Section 9.0
“Packaging Information”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com