Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 3 Page - Microchip Technology

  MIC24045 Datasheet HTML 1Page - Microchip Technology MIC24045 Datasheet HTML 2Page - Microchip Technology MIC24045 Datasheet HTML 3Page - Microchip Technology MIC24045 Datasheet HTML 4Page - Microchip Technology MIC24045 Datasheet HTML 5Page - Microchip Technology MIC24045 Datasheet HTML 6Page - Microchip Technology MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 3
MIC24045
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN, VINLDO, VLX to AGND ........................................................................................................................... -0.3V to +20V
VDDP, VDDA to AGND..................................................................................................................................... -0.3V to +6V
VINLDO to VDDA .......................................................................................................................................... -0.3V to +20V
VDDP to VDDA ............................................................................................................................................ -0.3V to +0.3V
VADRx, VSDA, VSCL to AGND ......................................................................................................................... -0.3V to +6V
VBST to VLX .................................................................................................................................................. -0.3V to +6V
VBST to AGND ............................................................................................................................................. -0.3V to +26V
VEN to AGND.............................................................................................................................. -0.3V to VDDA+0.3V,+6V
VPG to AGND................................................................................................................................................. -0.3V to +6V
VCOMP, VOUTSNS to AGND ......................................................................................................... -0.3V to VDDA+0.3V,+6V
AGND to PGND ........................................................................................................................................... -0.3V to +0.3V
Junction Temperature .......................................................................................................................................... +150°C
Storage Temperature (TS) ...................................................................................................................... -65°C to +150°C
Lead Temperature (soldering, 10s) ........................................................................................................................ 260°C
ESD Rating(1)
HBM ....................................................................................................................................................................... 2000V
CDM ....................................................................................................................................................................... 2000V
Note 1:
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5 k
 in series with
100 pF.
Operating Ratings(1)
Supply Voltage (VIN,VINLDO) ......................................................................................................................... 4.5V to 19V
Externally Applied Analog and Drivers Supply Voltage (VINLDO =VDDA =VDDP) ........................................ 4.5V to 5.5V
Enable Voltage (VEN) ..................................................................................................................................... 0V to VDDA
Power-Good (PG) Pull-up Voltage (VPU_PG)................................................................................................... 0V to 5.5V
Output Current ............................................................................................................................................................. 5A
Junction Temperature (TJ) ..................................................................................................................... -40°C to +125°C
Note 1:
The device is not ensured to function outside the operating range.
† Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com