Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 4Page - Microchip Technology MIC24045 Datasheet HTML 5Page - Microchip Technology MIC24045 Datasheet HTML 6Page - Microchip Technology MIC24045 Datasheet HTML 7Page - Microchip Technology MIC24045 Datasheet HTML 8Page - Microchip Technology MIC24045 Datasheet HTML 9Page - Microchip Technology MIC24045 Datasheet HTML 10Page - Microchip Technology MIC24045 Datasheet HTML 11Page - Microchip Technology MIC24045 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MIC24045
DS20005568A-page 8
 2016 Microchip Technology Inc.
2.0
TYPICAL CHARACTERISTIC CURVES
Note:
Unless otherwise indicated, VIN =12V, fS = 660 kHz, ILIM =ILIM_LS3, L = 2.2 µH, TA =+25°C.
FIGURE 2-1:
Operating Supply Current
vs. Input Voltage, Switching.
FIGURE 2-2:
VDDA vs. Input Voltage.
FIGURE 2-3:
Low-Side Current Limits vs.
Input Voltage.
FIGURE 2-4:
Enable Thresholds vs. Input
Voltage.
FIGURE 2-5:
Operating Supply Current
vs. Temperature, Switching.
FIGURE 2-6:
OUTSNS Voltage vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
49
14
19
Input Voltage (V)
V
OUT = 1.0V
I
OUT = 0 mA
f
s = 310 kHz
f
s = 660 kHz
f
s = 1.2 MHz
3.5
4
4.5
5
5.5
49
14
19
Input Voltage (V)
I
VDDA= 0 mA
I
VDDA= 10 mA
0
2
4
6
8
49
14
19
Input Voltage (V)
I
LIM_LS3
I
LIM_LS1
f
s = 660 kHz
V
OUT = 1.0V
I
LIM_LS0
I
LIM_LS2
1
1.1
1.2
1.3
4
9
14
19
Input Voltage (V)
Turn-on
Turn-off
0
10
20
30
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
OUT = 1.0V
I
OUT = 0 mA
f
s = 1.2 MHz
f
s = 660 kHz
f
s = 310 kHz
0.994
0.995
0.996
0.997
0.998
-40 -25 -10
5
203550658095 110 125
Temperature (°C)
V
OUT = 1.0V
I
OUT = 0 mA
f
s = 660 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com