Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 44 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 38Page - Microchip Technology MIC24045 Datasheet HTML 39Page - Microchip Technology MIC24045 Datasheet HTML 40Page - Microchip Technology MIC24045 Datasheet HTML 41Page - Microchip Technology MIC24045 Datasheet HTML 42Page - Microchip Technology MIC24045 Datasheet HTML 43Page - Microchip Technology MIC24045 Datasheet HTML 44Page - Microchip Technology MIC24045 Datasheet HTML 45Page - Microchip Technology MIC24045 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
DS20005568A-page 44
 2016 Microchip Technology Inc.
MIC24045
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Device:
MIC24045: I2C-programmable, high-efficiency, wide input
range, 5A synchronous step-down regulator
XX
=
device code for default settings (see Table 6-1)
Lead Finish
Y
=
Pb-Free with Industrial Temperature Grade
Package
FL
=
Flip-chip QFN, 0.85 mm thickness
Examples:
a)
MIC24045-2ZYFL: 2Z default settings option,
Pb-Free, 20-pin 3 x 3 mm
FQFN Package.
XX
-XX
X
Lead Finish
Package Code
Default settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com