Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24045 Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC24045
Description  I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24045 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC24045 Datasheet HTML 29Page - Microchip Technology MIC24045 Datasheet HTML 30Page - Microchip Technology MIC24045 Datasheet HTML 31Page - Microchip Technology MIC24045 Datasheet HTML 32Page - Microchip Technology MIC24045 Datasheet HTML 33Page - Microchip Technology MIC24045 Datasheet HTML 34Page - Microchip Technology MIC24045 Datasheet HTML 35Page - Microchip Technology MIC24045 Datasheet HTML 36Page - Microchip Technology MIC24045 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
 2016 Microchip Technology Inc.
DS20005568A-page 33
MIC24045
For polarized output capacitor, compensator pole
placement at the ESR zero frequency is achieved, as
shown in Equation 7-20 below:
EQUATION 7-20:
For ceramic output capacitor, compensator pole place-
ment at N × fXO (N  5, N × fXO < fS) is achieved, as
detailed in Equation 7-21:
EQUATION 7-21:
7.8
Output Voltage Soft-Start Rate
The MIC24045 features internal, I2C programmable
soft-start, such that the output voltage can be smoothly
increased to the target regulation voltage. The soft-start
rate given in the Electrical Characteristics refers to the
error amplifier reference, and therefore the effective
soft-start rate value seen at the output of the module
has to be scaled according to the internal feedback
divider attenuation values listed in Table 7-2. To calcu-
late the effective output voltage soft-start slew rate
SS_SROUT, based on the particular output voltage set-
ting and the reference soft-start slew rate SS_SRx
(x = 0, 1, 2, 3 depending on selection), use the follow-
ing formula:
EQUATION 7-22:
7.9
Minimum TON and Minimum TOFF
Limitations
The valley current-mode control method utilized in the
MIC24045 allows very small minimum controllable ON
time (around 26 ns), so that it is possible to convert
from 19V down to very low voltages at high frequency.
Note that the high-side current limit circuit may not be
able to detect an overcurrent event if the ON time is
below the high side switch current limit leading edge
blanking time (LEB, see Electrical Characteristics).
Conversely, some minimum OFF time is needed for
valley
current-mode
modulator
operation.
This
TOFF(MIN) specification (see Electrical Characteristics)
may dictate a limit on the maximum attainable output
voltage for a given VIN voltage. The maximum
attainable output voltage (at no load) is calculated as
follows:
EQUATION 7-23:
It is advisable to use a safe headroom margin against
the calculated value of VOUT,max for DC load and good
dynamic performance.
C
C2
1
R
C1
C
OUT
ESR
-------------------------------
1
C
C1
----------
–
------------------------------------------------
=
C
C2
1
2
R
C1
N
f
XO
1
C
C1
----------
–
----------------------------------------------------------------
=
SS_SR
OUT
A
SS_SRx
=
where:
A = amplification (see Table 7-2 for A values.)
V
OUT,max
V
IN
1f
S
T
OFF(MIN)
–

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com