Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 4 Page - Abracon Corporation

  AB18X5-RTC Datasheet HTML 1Page - Abracon Corporation AB18X5-RTC Datasheet HTML 2Page - Abracon Corporation AB18X5-RTC Datasheet HTML 3Page - Abracon Corporation AB18X5-RTC Datasheet HTML 4Page - Abracon Corporation AB18X5-RTC Datasheet HTML 5Page - Abracon Corporation AB18X5-RTC Datasheet HTML 6Page - Abracon Corporation AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 4 of 37
Abracon Drawing #453568
Revision: C
complement of countdown timers and alarms may additionally be set to initiate interrupts or resets on
several of the outputs.
The advanced timekeeping feature group supports two additional oscillation modes: 1) RC oscillator mode,
and 2) Autocalibration mode. At only 14 nA, the temperature-compensated RC oscillator mode provides an
even lower current draw than the XT oscillator for applications with reduced frequency accuracy
requirements. A proprietary calibration algorithm allows the AB18X5 to digitally tune the RC oscillator
frequency and the XT oscillator frequency with accuracy as low as 2 ppm at a given temperature. In
Autocalibration mode, the RC oscillator is used as the primary oscillation source and is periodically
calibrated against the XT oscillator. Autocalibration may be done automatically every 8.5 minutes or 17
minutes and may also be initiated via software. This mode enables average current draw of only 22 nA
with frequency accuracy similar to the XT oscillator. The advanced timekeeping feature group also
includes a rich set of input and output configuration options that enables the monitoring of external
interrupts (e.g., pushbutton signals), the generation of clock outputs, and watchdog timer functionality.
Power management features built into the AB18X5 enable it to operate as a backup device in both line-
powered and battery-powered systems. An integrated power control module automatically detects when
main power (VCC) falls below a threshold and switches to backup power (VBAT). 256B of ultra-low
leakage RAM enable the storage of key parameters when operating on backup power.
The AB18X5 is the first RTC to incorporate a number of more advanced power management features. In
particular, the AB18X5 includes a finite state machine (integrated with the Power Control block in Figure 1)
that can control a host processor as it transitions between sleep/reset states and active states. Digital
outputs can be configured to control the reset signal or interrupt input of the host controller. The AB18X5
additionally integrates a power switch with ~1 Ω impedance that can be used to cut off ground current on
the host microcontroller and reduce sleep current to <1 nA. The AB18X5 parts can wake up a sleeping
system using internally generated timing interrupts or externally generated interrupts generated by digital
inputs (e.g., using a pushbutton) or an analog comparator. The aforementioned functionality enables users
to seamlessly power down host processors, leaving only the energy-efficient AB18X5 chip awake. The
AB18X5 also includes voltage detection on the backup power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com