Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 29 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 29 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 25Page - Abracon Corporation AB18X5-RTC Datasheet HTML 26Page - Abracon Corporation AB18X5-RTC Datasheet HTML 27Page - Abracon Corporation AB18X5-RTC Datasheet HTML 28Page - Abracon Corporation AB18X5-RTC Datasheet HTML 29Page - Abracon Corporation AB18X5-RTC Datasheet HTML 30Page - Abracon Corporation AB18X5-RTC Datasheet HTML 31Page - Abracon Corporation AB18X5-RTC Datasheet HTML 32Page - Abracon Corporation AB18X5-RTC Datasheet HTML 33Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 29 of 37
Abracon Drawing #453568
Revision: C
5.11 nRST AC Electrical Characteristics
Figure 21 and Table 14 describe the nRST and nEXTR AC electrical characteristics.
Figure 21. nRST AC Parameter Characteristics
For Table 14, T
A = -40 °C to 85 °C, TYP at 25 °C unless specified otherwise, VBAT < 1.2 V.
Table 14: nRST AC Electrical Parameters
SYMBOL
PARAMETER
VCC
TA
MIN
TYP
MAX
UNIT
tLOW:VCC
Low period of VCC to ensure a
valid POR
1.7V-3.6V
85 °C
0.1
s
25 °C
0.1
-20 °C
1.5
-40 °C
10
tVL:NRST
VCC low to nRST low
1.7V-3.6V
85 °C
0.1
s
25 °C
0.1
-20 °C
1.5
-40 °C
10
tVH:NRST
VCC high to nRST high
1.7V-3.6V
85 °C
0.5
s
25 °C
0.5
-20 °C
3.5
-40 °C
25
tRL:NRST
nEXTR low to nRST low
1.7V-3.6V
-40 °C to 85 °C
30
50
ns
tRH:NRST
nEXTR high to nRST high
1.7V-3.6V
-40 °C to 85 °C
50
80
ns
VCC
VCCRST
nRST tVL:NRST
tLOW:VCC
tVH:NRST
nEXTR
tRH:NRST
tRL:NRST
VCCST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com