Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 10 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 10 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 6Page - Abracon Corporation AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation AB18X5-RTC Datasheet HTML 10Page - Abracon Corporation AB18X5-RTC Datasheet HTML 11Page - Abracon Corporation AB18X5-RTC Datasheet HTML 12Page - Abracon Corporation AB18X5-RTC Datasheet HTML 13Page - Abracon Corporation AB18X5-RTC Datasheet HTML 14Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 10 of 37
Abracon Drawing #453568
Revision: C
5. Electrical Specifications
5.1 Absolute Maximum Ratings
Table 4 lists the absolute maximum ratings.
Table 4: Absolute Maximum Ratings
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
System Power Voltage
-0.3
3.8
V
VBAT
Battery Voltage
-0.3
3.8
V
VI
Input voltage
VCC Power state
-0.3
VCC+ 0.3
V
VI
Input voltage
VBAT Power state
-0.3
VBAT+ 0.3
V
VO
Output voltage
VCC Power state
-0.3
VCC+ 0.3
V
VO
Output voltage
VBAT Power state
-0.3
VBAT+ 0.3
V
II
Input current
-10
10
mA
IO
Output current
-20
20
mA
IOPC
PSW Output continuous current
50
mA
IOPP
PSW Output pulsed current
1 second pulse
150
mA
VESD
ESD Voltage
CDM
±500
V
HBM
±4000
V
ILU
Latch-up Current
100
mA
TSTG
Storage Temperature
-55
125
°C
TOP
Operating Temperature
-40
85
°C
TSLD
Lead temperature
Hand soldering for 10 seconds
300
°C
TREF
Reflow soldering temperature
Reflow profile per JEDEC J-
STD-020D.1
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com