Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 8 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 8 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 4Page - Abracon Corporation AB18X5-RTC Datasheet HTML 5Page - Abracon Corporation AB18X5-RTC Datasheet HTML 6Page - Abracon Corporation AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation AB18X5-RTC Datasheet HTML 10Page - Abracon Corporation AB18X5-RTC Datasheet HTML 11Page - Abracon Corporation AB18X5-RTC Datasheet HTML 12Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 8 of 37
Abracon Drawing #453568
Revision: C
4.2 Pin Descriptions
Table 3 provides a description of the pin connections.
Table 3: Pin Descriptions
Pin Name
Description
VSS
Ground connection. In the QFN-16 packages the ground slug on the bottom of the package must be
connected to VSS.
VCC
Primary power connection. If a single power supply is used, it must be connected to VCC.
VBAT
Battery backup power connection. If a backup battery is not present, VBAT must be connected directly
to VSS, but it may also be used to provide the analog input to the internal comparator (see Analog-
Comparator).
XI
Crystal oscillator input connection.
XO
Crystal oscillator output connection.
AF
Autocalibration filter connection. A 47pF ceramic capacitor must be placed between this pin and VSS
for improved Autocalibration mode timing accuracy.
SCL
I/O interface clock connection. It provides the SCL input in both I2C and SPI interface parts. A pull-up
resistor is required on this pin.
SDA (only available in
I2C environments)
I/O interface I2C data connection. A pull-up resistor is required on this pin.
SDO (only available in
SPI environments)
I/O interface SPI data output connection.
SDI
I/O interface SPI data input connection.
nCE (only available in
SPI environments)
I/O interface SPI chip select input connection. It is an active low signal. A pull-up resistor is recom-
mended to be connected to this pin to ensure it is not floating. A pull-up resistor also prevents inadver-
tent writes to the RTC during power transitions.
EXTI
External interrupt input connection. It may be used to generate an External 1 interrupt with polarity
selected by the EX1P bit if enabled by the EX1E bit. The value of the EXTI pin may be read in the EXIN
register bit. This pin does not have an internal pull-up or pull-down resistor and so one must be added
externally. It must not be left floating or the RTC may consume higher current. Instead, it must be con-
nected directly to either VCC or VSS if not used.
WDI
Watchdog Timer reset input connection. It may also be used to generate an External 2 interrupt with
polarity selected by the EX2P bit if enabled by the EX2E bit. The value of the WDI pin may be read in
the WDIN register bit. This pin does not have an internal pull-up or pull-down resistor and so one must
be added externally. It must not be left floating or the RTC may consume higher current. Instead, it
must be connected directly to either VCC or VSS if not used.
nEXTR
External reset input connection. If nEXTR is low and the RS1E bit is set, the nRST output will be driven
to its asserted value as determined by the RSP bit. This pin does not have an internal pull-up or pull-
down resistor and so one must be added externally. It must not be left floating or the RTC may con-
sume higher current. Instead, it must be connected directly to either VCC or VSS if not used.
FOUT/nIRQ
Primary interrupt output connection. This pin is an open drain output. An external pull-up resistor must
be added to this pin. It should be connected to the host device and is used to indicate when the RTC
can be accessed via the serial interface. FOUT/nIRQ may be configured to generate several signals as
a function of the OUT1S field(see 0x11 - Control2). FOUT/nIRQ is also asserted low on a power up
until the AB18X5 has exited the reset state and is accessible via the I/O interface.
1. FOUT/nIRQ can drive the value of the OUT bit.
2. FOUT/nIRQ can drive the inverse of the combined interrupt signal IRQ (see Interrupts).
3. FOUT/nIRQ can drive the square wave output (see 0x13 - SQW) if enabled by SQWE.
4. FOUT/nIRQ can drive the inverse of the alarm interrupt signal AIRQ (see Interrupts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com