Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 21 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 21 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 17Page - Abracon Corporation AB18X5-RTC Datasheet HTML 18Page - Abracon Corporation AB18X5-RTC Datasheet HTML 19Page - Abracon Corporation AB18X5-RTC Datasheet HTML 20Page - Abracon Corporation AB18X5-RTC Datasheet HTML 21Page - Abracon Corporation AB18X5-RTC Datasheet HTML 22Page - Abracon Corporation AB18X5-RTC Datasheet HTML 23Page - Abracon Corporation AB18X5-RTC Datasheet HTML 24Page - Abracon Corporation AB18X5-RTC Datasheet HTML 25Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 21 of 37
Abracon Drawing #453568
Revision: C
5.6 VBAT Supply Current
Table 9 lists the current supplied into the VBAT power input under various conditions.
Figure 12 shows the typical VBAT power state operating current vs. temperature in XT mode.
Figure 12. Typical VBAT Current vs. Temperature in XT Mode
For Table 9, T
A = -40 °C to 85 °C, TYP values at 25 °C, MAX values at 85 °C, VBAT Power state.
Table 9: VBAT Supply Current
SYMBOL
PARAMETER
TEST CONDITIONS
VCC
VBAT
MIN
TYP
MAX
UNIT
IVBAT:XT
VBAT supply current in
XT oscillator mode
Time keeping mode with
XT oscillator running(1)
< VCCSWF
3.0V
56
330
nA
1.8V
52
290
IVBAT:RC
VBAT supply current in
RC oscillator mode
Time keeping mode with
only the RC oscillator run-
ning (XT oscillator is off)(1)
< VCCSWF
3.0V
16
220
nA
1.8V
12
170
IVBAT:ACAL
Average
VBAT
supply
current in Autocalibrated
RC oscillator mode
Time keeping mode with
the RC oscillator running.
Autocalibration
enabled.
ACP = 512 seconds(1)
< VCCSWF
3.0V
24
235
nA
1.8V
20
190
IVBAT:VCC
VBAT supply current in
VCC powered mode
VCC powered mode(1)
1.7 - 3.6 V
3.0V
-5
0.6
20
nA
1.8V
-10
0.5
16
(1) Test conditions: All inputs and outputs are at 0 V or VCC.
40
50
60
70
80
90
100
110
120
130
‐40
‐30
‐20
‐10
0
10
20
304050607080
Temperature  (°C)
VBAT = 1.8V
VBAT = 3.0V
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com