Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 1 Page - Abracon Corporation

  AB18X5-RTC Datasheet HTML 1Page - Abracon Corporation AB18X5-RTC Datasheet HTML 2Page - Abracon Corporation AB18X5-RTC Datasheet HTML 3Page - Abracon Corporation AB18X5-RTC Datasheet HTML 4Page - Abracon Corporation AB18X5-RTC Datasheet HTML 5Page - Abracon Corporation AB18X5-RTC Datasheet HTML 6Page - Abracon Corporation AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 1 of 37
Abracon Drawing #453568
Revision: C
Features
• Ultra-low supply current (all at 3V):
- 14 nA with RC oscillator
- 22 nA with RC oscillator and Autocalibration
- 55 nA with crystal oscillator
• Baseline timekeeping features:
- 32.768 kHz crystal oscillator with integrated
load capacitor/resistor
- Counters for hundredths, seconds, minutes,
hours, date, month, year, century, and week-
day
- Alarm capability on all counters
- Programmable output clock generation
(32.768 kHz to 1 year)
- Countdown timer with repeat function
- Automatic leap year calculation
• Advanced timekeeping features:
- Integrated power optimized RC oscillator
- Advanced crystal calibration to ± 2 ppm
- Advanced RC calibration to ± 16 ppm
- Automatic calibration of RC oscillator to crystal
oscillator
- Watchdog timer with hardware reset
- 256 bytes of general purpose RAM
• Power management features:
- Integrated ~1Ω power switch for off-chip com-
ponents such as a host MCU
- System sleep manager for managing host pro-
cessor wake/sleep states
- External reset signal monitor
- Reset output generator
- Supercapacitor trickle charger with program-
mable charging current
- Automatic switchover to VBAT
- External interrupt monitor
- Programmable low battery detection threshold
- Programmable analog voltage comparator
•I2C (up to 400 kHz) and 3-wire or 4-wire SPI (up
to 2 MHz) serial interfaces available
• Operating voltage 1.5-3.6 V
• Clock and RAM retention voltage 1.5-3.6 V
• Operating temperature –40 to 85 °C
• All inputs include Schmitt Triggers
• 3x3 mm QFN-16 package
Applications
• Smart cards
• Wireless sensors and tags
• Medical electronics
• Utility meters
• Data loggers
• Appliances
• Handsets
• Consumer electronics
• Communications equipment
Description
The ABRACON AB18X5 Real-Time Clock with
Power
Management
family
provides
a
groundbreaking combination of ultra-low power
coupled with a highly sophisticated feature set. With
power requirements significantly lower than any
other industry RTC (as low as 14 nA), these are the
first semiconductors based on innovative SPOTTM
(Subthreshold Power Optimized Technology) CMOS
platform. The AB18X5 includes on-chip oscillators to
provide minimum power consumption, full RTC
functions
including
battery
backup
and
programmable counters and alarms for timer and
watchdog functions, and either an I2C or SPI serial
interface for communication with a host controller. An
integrated power switch and a sophisticated system
sleep manager with counter, timer, alarm, and
interrupt capabilities allows the AB18X5 to be used
as a supervisory component in a host microcontroller
based system.
Disclaimer: AB18X5 series of devices are
based on innovative SPOT technology,
proprietary to Ambiq Micro.


Similar Part No. - AB18X5-RTC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18X5 ABRACON-AB18X5 Datasheet
655Kb / 37P
Real-Time Clock with Power
Revision: C
More results

Similar Description - AB18X5-RTC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
Serial Timekeeping Chip
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
TIMEKEEPING DTMF CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
Nonvolatile Timekeeping RAM
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com