Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 25 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 25 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 21Page - Abracon Corporation AB18X5-RTC Datasheet HTML 22Page - Abracon Corporation AB18X5-RTC Datasheet HTML 23Page - Abracon Corporation AB18X5-RTC Datasheet HTML 24Page - Abracon Corporation AB18X5-RTC Datasheet HTML 25Page - Abracon Corporation AB18X5-RTC Datasheet HTML 26Page - Abracon Corporation AB18X5-RTC Datasheet HTML 27Page - Abracon Corporation AB18X5-RTC Datasheet HTML 28Page - Abracon Corporation AB18X5-RTC Datasheet HTML 29Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 25 of 37
Abracon Drawing #453568
Revision: C
5.8 I
²C AC Electrical Characteristics
Figure 17 and Table 11 describe the I2C AC electrical parameters.
Figure 17. I
²C AC Parameter Definitions
For Table 11, T
A = -40 °C to 85 °C, TYP values at 25 °C.
Table 11: I
²C AC Electrical Parameters
SYMBOL
PARAMETER
VCC
MIN
TYP
MAX
UNIT
fSCL
SCL input clock frequency
1.7V-3.6V
10
400
kHz
tLOW
Low period of SCL clock
1.7V-3.6V
1.3
µs
tHIGH
High period of SCL clock
1.7V-3.6V
600
ns
tRISE
Rise time of SDA and SCL
1.7V-3.6V
300
ns
tFALL
Fall time of SDA and SCL
1.7V-3.6V
300
ns
tHD:STA
START condition hold time
1.7V-3.6V
600
ns
tSU:STA
START condition setup time
1.7V-3.6V
600
ns
tSU:DAT
SDA setup time
1.7V-3.6V
100
ns
tHD:DAT
SDA hold time
1.7V-3.6V
0
ns
tSU:STO
STOP condition setup time
1.7V-3.6V
600
ns
tBUF
Bus free time before a new transmission
1.7V-3.6V
1.3
µs
tBUF
SCL
SDA
tHD:STA
tLOW
tRISE
SDA
tSU:STA
tHD:DAT
tHIGH
tSU:DAT
tSU:STO
tFALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com