Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 12 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 12 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation AB18X5-RTC Datasheet HTML 10Page - Abracon Corporation AB18X5-RTC Datasheet HTML 11Page - Abracon Corporation AB18X5-RTC Datasheet HTML 12Page - Abracon Corporation AB18X5-RTC Datasheet HTML 13Page - Abracon Corporation AB18X5-RTC Datasheet HTML 14Page - Abracon Corporation AB18X5-RTC Datasheet HTML 15Page - Abracon Corporation AB18X5-RTC Datasheet HTML 16Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 12 of 37
Abracon Drawing #453568
Revision: C
VBATRST
Falling Battery POR Volt-
age(7)
VBAT Falling
VBAT
Power
->
POR
VCC < VCCSWF
1.1
1.4
V
VBMRG
VBAT
Margin
above
VCC(3)
VBAT Static
VBAT Power
200
mV
VBATESR
VBAT supply series resis-
tance(6)
VBAT Static
VBAT Power
1.0
1.5
k
(1) VCC must be above VCCST to exit the POR state, independent of the VBAT voltage.
(2) Difference between VCCSWR and VCCSWF.
(3) VBAT must be higher than VCC by at least this voltage to ensure the AB18X5 remains in the VBAT Power state.
(4) Maximum VCC falling slew rate to guarantee correct switchover to VBAT Power state. There is no VCC falling slew rate
requirement if switching to the VBAT power source is not required.
(5) VBAT voltage to guarantee correct transition to VBAT Power state when VCC falls.
(6) Total series resistance of the power source attached to the VBAT pin. The optimal value is 1.5k, which may require an
external resistor. VBAT power source ESR + external resistor value = 1.5k

(7) VBATRST is also the static voltage required on VBAT for register data retention.
Table 5: Power Supply and Switchover Parameters
SYMBO
L
PARAMETER
PWR
TYPE
POWER STATE
TEST
CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com