Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 3 Page - Abracon Corporation

  AB18X5-RTC Datasheet HTML 1Page - Abracon Corporation AB18X5-RTC Datasheet HTML 2Page - Abracon Corporation AB18X5-RTC Datasheet HTML 3Page - Abracon Corporation AB18X5-RTC Datasheet HTML 4Page - Abracon Corporation AB18X5-RTC Datasheet HTML 5Page - Abracon Corporation AB18X5-RTC Datasheet HTML 6Page - Abracon Corporation AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 3 of 37
Abracon Drawing #453568
Revision: C
2. Functional Description
Figure 1 illustrates the AB18X5 functional design.
Figure 1. Detailed Block Diagram
AB18X5 serves as a companion part for host processors including microcontrollers, radios, and digital
signal processors. It tracks time as in a typical RTC product and additionally provides unique power
management functionality that makes it ideal for highly energy-constrained applications. To support such
operation, the AB18X5 includes 3 distinct feature groups: 1) baseline timekeeping features, 2) advanced
timekeeping features, and 3) power management features. Functions from each feature group may be
controlled via I/O offset mapped registers. These registers are accessed using either an I2C serial interface
(e.g., in the AB1805) or a SPI serial interface (e.g., in the AB1815). Each feature group is described briefly
below and in greater detail in subsequent sections.
The baseline timekeeping feature group supports the standard 32.786 kHz crystal (XT) oscillation mode for
maximum frequency accuracy with an ultra-low current draw of 55 nA. The baseline timekeeping feature
group also includes a standard set of counters monitoring hundredths of a second up through centuries. A
XT Osc
RC Osc
Divider
Seconds
Minutes
Hours
Days
Weekdays
Months
Years
Power
Control
VCC VBAT
I2C/SPI
Interface
SCL
SDA/O
Control
Alarms
Int/Clock
FOUT/nIRQ
PSW/nIRQ2
VSS
CLKOUT/nIRQ3
SDI
nCE
WDI
Reset
nEXTR
nRST
RAM
XO
XI
nTIRQ
Timer
WDT
100ths
Divider
Calibration Engine
EXTI
Analog
Compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com