Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 22 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 22 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 18Page - Abracon Corporation AB18X5-RTC Datasheet HTML 19Page - Abracon Corporation AB18X5-RTC Datasheet HTML 20Page - Abracon Corporation AB18X5-RTC Datasheet HTML 21Page - Abracon Corporation AB18X5-RTC Datasheet HTML 22Page - Abracon Corporation AB18X5-RTC Datasheet HTML 23Page - Abracon Corporation AB18X5-RTC Datasheet HTML 24Page - Abracon Corporation AB18X5-RTC Datasheet HTML 25Page - Abracon Corporation AB18X5-RTC Datasheet HTML 26Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 22 of 37
Abracon Drawing #453568
Revision: C
Figure 13 shows the typical VBAT power state operating current vs. temperature in RC mode.
Figure 13. Typical VBAT Current vs. Temperature in RC Mode
Figure 14 shows the typical VBAT power state operating current vs. temperature in RC Autocalibration
mode.
Figure 14. Typical VBAT Current vs. Temperature in RC Autocalibration Mode
5
15
25
35
45
55
65
75
‐40
‐30
‐20
‐10
0
10
20
304050607080
Temperature  (°C)
VBAT = 1.8V
VBAT = 3.0V
TA = 25 °C
5
10
15
20
25
30
35
40
45
50
55
‐40
‐30
‐20
‐10
0
10203040
50
6070
Temperature (°C)
VBAT = 1.8V
VBAT = 3.0V
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com