Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB18X5-RTC Datasheet(PDF) 11 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 11 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation AB18X5-RTC Datasheet HTML 10Page - Abracon Corporation AB18X5-RTC Datasheet HTML 11Page - Abracon Corporation AB18X5-RTC Datasheet HTML 12Page - Abracon Corporation AB18X5-RTC Datasheet HTML 13Page - Abracon Corporation AB18X5-RTC Datasheet HTML 14Page - Abracon Corporation AB18X5-RTC Datasheet HTML 15Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 11 of 37
Abracon Drawing #453568
Revision: C
5.2 Power Supply Parameters
Figure 3 and Table 5 describe the power supply and switchover parameters. See Power Control and
Switching for a detailed description of the operations.
Figure 3. Power Supply Switchover
For Table 5, T
A = -40 °C to 85 °C, TYP values at 25 °C.
Table 5: Power Supply and Switchover Parameters
SYMBO
L
PARAMETER
PWR
TYPE
POWER STATE
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
System Power Voltage
VCC
Static
VCC Power
Clocks
operating
and RAM and
registers retained
1.5
3.6
V
VCCIO
VCC I/O Interface
Voltage
VCC
Static
VCC Power
I2C or SPI opera-
tion
1.5
3.6
V
VCCST
VCC Start-up Voltage(1)
VCC
Rising
POR -> VCC Power
1.6
V
VCCRST
VCC Reset Voltage
VCC
Falling VCC Power -> POR
VBAT < VBAT,MIN or
no VBAT
1.3
1.5
V
VCCSWR
VCC Rising Switch-over
Threshold Voltage
VCC
Rising
VBAT Power ->
VCC Power
VBAT ≥ VBATRST
1.6
1.7
V
VCCSWF
VCC Falling Switch-over
Threshold Voltage
VCC
Falling
VCC Power ->
VBAT Power
VBAT ≥ VBATSW,MIN
1.2
1.5
V
VCCSWH
VCC Switchover Thresh-
old Hysteresis(2)
VCC
Hyst.
VCC Power <->
VBAT Power
70
mV
VCCFS
VCC Falling Slew Rate
to switch to VBAT state(4)
VCC
Falling
VCC Power ->
VBAT Power
VCC < VCCSW,MAX
0.7
1.4
V/ms
VBAT
Battery Voltage
VBAT Static
VBAT Power
Clocks
operating
and RAM and reg-
isters retained
1.4
3.6
V
VBATSW
Battery Switchover Volt-
age Range(5)
VBAT Static
VCC Power ->
VBAT Power
1.6
3.6
V
VCC
VBAT
Power State
POR
VCCST
VCCRST
VCC Power
VCCST
POR
VCCSWF
VCC Power
VBAT Power
VBATSW
VCCSWR
VCC Power
VCCSWF
VBATRST
VBAT Power
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com