Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 41 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 37Page - Analog Devices ADPD103 Datasheet HTML 38Page - Analog Devices ADPD103 Datasheet HTML 39Page - Analog Devices ADPD103 Datasheet HTML 40Page - Analog Devices ADPD103 Datasheet HTML 41Page - Analog Devices ADPD103 Datasheet HTML 42Page - Analog Devices ADPD103 Datasheet HTML 43Page - Analog Devices ADPD103 Datasheet HTML 44Page - Analog Devices ADPD103 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 40 of 52
Address
Data Bit
Default
Value
Access
Name
Description
0x25
[15:11]
0xC
R/W
ILED3_FINE
LEDX3 fine adjust. Current adjust multiplier for LED3.
LEDX3 fine adjust = 0.71 + 0.024 × (Register 0x25, Bits[15:11]).
See Register 0x22, Bits[3:0], for the full LED3 formula.
[10:6]
0xC
R/W
ILED2_FINE
LEDX2 fine adjust. Current adjust multiplier for LED2.
LEDX2 fine adjust = 0.71 + 0.024 × (Register 0x25, Bits[10:6]).
See Register 0x24, Bits[3:0], for the full LED2 formula.
5
0x0
R/W
Reserved
Write 0x0.
[4:0]
0xC
R/W
ILED1_FINE
LEDX1 fine adjust. Current adjust multiplier for LED1.
LEDX1 fine adjust = 0.71 + 0.024 × (Register 0x25, Bits[4:0]).
See Register 0x23, Bits[3:0], for the full LED1 formula.
0x30
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x3
R/W
SLOTA_LED_WIDTH
LED pulse width (in 1 μs step) for Time Slot A.
[7:0]
0x20
R/W
SLOTA_LED_OFFSET
LED offset width (in 1 μs step) for Time Slot A.
0x31
[15:8]
0x08
R/W
SLOTA_LED_NUMBER
LED Time Slot A pulse count. nA: number of LED pulses in Time
Slot A. This is typically LED1. Adjust in the application. A setting of
six pulses (0x06) is typical.
[7:0]
0x18
R/W
SLOTA_LED_PERIOD
LED Time Slot A pulse period (in 1 μs step).
0x34
[15:10]
0x00
R/W
Reserved
Write 0x0.
9
0x0
R/W
SLOTB_LED_DIS
Time Slot B LED disable. 1: disables the LED assigned to Time Slot B.
Register 0x34 keeps the drivers active and prevents them from
pulsing current to the LEDs. Disabling both LEDs via this register is
often used to measure the dark level.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
8
0x0
R/W
SLOTA_LED_DIS
Time SlotA LED disable. 1: disables the LED assigned to Time SlotA.
Use Register 0x11 instead to enable or disable the actual time slot
usage and not only the LED.
[7:0]
0x00
R/W
Reserved
Write 0x00.
0x35
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x3
SLOTB_LED_WIDTH
LED pulse width (in 1 μs step) for Time Slot B.
[7:0]
0x20
SLOTB_LED_OFFSET
LED offset width (in 1 μs step) for Time Slot B.
0x36
[15:8]
0x08
R/W
SLOTB_LED_NUMBER
LED Time Slot B pulse count. nB: number of LED pulses in Time Slot B.
This is typically LED2. A setting of six pulses (0x06) is typical.
[7:0]
0x18
R/W
SLOTB_LED_PERIOD
LED Time Slot B pulse period (in 1 μs step).
0x3C
[15:14]
0x0
R/W
RESERVED
Write 0x0.
[13:11]
0x6
R/W
RESERVED
Write 0x6.
10
0x0
R/W
Reserved
Write 0x0.
9
0x0
R/W
V_CATHODE
0x0: 1.3 V (identical to anode voltage); recommended setting.
0x1: 1.8 V (reverse bias photodiode by 550 mV; this setting may
add noise).
[8:3]
0x0
R/W
AFE_POWERDOWN
AFE channels power-down select.
0x38: powers down AFE Channel 2, Channel 3, and Channel 4.
0x0: keeps all channels on.
[2:0]
0x6
R/W
Reserved
Write 0x6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com