Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 14Page - Analog Devices ADPD103 Datasheet HTML 15Page - Analog Devices ADPD103 Datasheet HTML 16Page - Analog Devices ADPD103 Datasheet HTML 17Page - Analog Devices ADPD103 Datasheet HTML 18Page - Analog Devices ADPD103 Datasheet HTML 19Page - Analog Devices ADPD103 Datasheet HTML 20Page - Analog Devices ADPD103 Datasheet HTML 21Page - Analog Devices ADPD103 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 17 of 52
LED Pulse and Sample
At each sampling period, the selected LED driver drives a series
of LED pulses, as shown in Figure 16. The magnitude, duration,
and number of pulses are programmable over the I2C interface.
Each LED pulse coincides with a sensing period so that the sensed
value represents the total charge acquired on the photodiode in
response to only the corresponding LED pulse. Charge, such as
ambient light, that does not correspond to the LED pulse is
rejected.
After each LED pulse, the photodiode output relating the pulsed
LED signal is sampled and converted to a digital value by the
14-bit ADC. Each subsequent conversion within a sampling
period is summed with the previous result. Up to 255 pulse values
from theADC can be summed in an individual sampling period.
There is a 20-bit maximum range for each sampling period.
Averaging
The ADPD103 offers sample accumulation and averaging
functionality to increase signal resolution.
Within a sampling period, theAFE can sum up to 256 sequential
pulses. As shown in Figure 15, samples acquired by the AFE are
clipped to 20 bits at the output of theAFE.Additional resolution,
up to 27 bits, can be achieved by averaging between sampling
periods. This accumulated data of N samples is stored as 27-bit
values and can be read out directly by using the 32-bit output
registers or the 32-bit FIFO configuration.
When using the averaging feature set up by the register,
subsequent pulses can be averaged by powers of 2. The user can
select from 2, 4, 8 … up to 128 samples to be averaged. Pulse
data is still acquired by the AFE at the sampling frequency,
fSAMPLE (Register 0x12), but new data is written to the registers at
the rate of fSAMPLE/N every Nth sample. This new data consists of
the sum of the previous N samples. The full 32-bit sum is stored
in the 32-bit registers. However, before sending this data to the
FIFO, a divide by N operation occurs. This divide operation
maintains bit depth to prevent clipping on the FIFO.
Use this between sample averaging to lower the noise while
maintaining 16-bit resolution. If the pulse count registers are
kept to 8 or less, the 16-bit width is never exceeded. Therefore,
when using Register 0x15 to average subsequent pulses, many
pulses can be accumulated without exceeding the 16-bit word
width. This can reduce the number of FIFO reads required by
the host processor.
Data Read
The host processor reads output data from the ADPD103, via
the I2C protocol, from the data registers or from the FIFO. New
output data is made available every N samples, where N is the user
configured averaging factor. The averaging factors for Time SlotA
and Time Slot B are configurable independently of each other. If
they are the same, both time slots can be configured to save data to
the FIFO. If the two averaging factors are different, only one time
slot can save data to the FIFO; data from the other time slot can
be read from the output registers.
The data read operations are described in more detail in the
Reading Data section.
0
0.5
1.0
1.5
2.0
2.5
3.0
TIME (s)
OPTICAL SAMPLING
LOCATIONS
NUMBER OF LED PULSES (
nA OR nB)
LED
CURRENT
(ILED)
SHOWN WITH fSAMPLE = 10 Hz
Figure 16. Example of a Photoplethysmography (PPG) Signal
Sampled at a Data Rate of 10 Hz Using Five Pulses per Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com