Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 1 Page - Analog Devices

  ADPD103 Datasheet HTML 1Page - Analog Devices ADPD103 Datasheet HTML 2Page - Analog Devices ADPD103 Datasheet HTML 3Page - Analog Devices ADPD103 Datasheet HTML 4Page - Analog Devices ADPD103 Datasheet HTML 5Page - Analog Devices ADPD103 Datasheet HTML 6Page - Analog Devices ADPD103 Datasheet HTML 7Page - Analog Devices ADPD103 Datasheet HTML 8Page - Analog Devices ADPD103 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Photometric Front End
Data Sheet
ADPD103
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsof Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Multifunction photometric front end
Fully integrated AFE, ADC, LED drivers, and timing core
Usable in a broad range of optical measurement
applications, including photoplethysmography
Enables best-in-class ambient light rejection capability
without the need for photodiode optical filters
Three 8 mA to 250 mA LED drivers
Separate data registers for each LED/photodiode
combination
1 to 8 optical inputs
Flexible, multiple, short LED pulses per optical sample
20-bit burst accumulator enabling 20 bits per sample period
On-board sample to sample accumulator, enabling up to
27 bits per data read
Low power operation
I2C interface and 1.8 V analog/digital core
Flexible sampling frequency ranging from 0.122 Hz to
3.820 kHz
FIFO data operation
APPLICATIONS
Body worn health and fitness monitors, for example, heart
rate monitoring
Clinical measurements, for example, SpO2
Industrial monitoring
Background light measurements
GENERAL DESCRIPTION
The ADPD103 is a highly efficient photometric front end with
an integrated 14-bit analog-to-digital converter (ADC) and a
20-bit burst accumulator that works in concert with flexible
light emitting diode (LED) drivers. It is designed to stimulate an
LED and measure the corresponding optical return signal. The
data output and functional configuration occur over a 1.8 V I2C
interface. The control circuitry includes flexible LED signaling and
synchronous detection.
The analog front end (AFE) features best-in-class rejection of signal
offset and corruption due to modulated interference commonly
caused by ambient light.
Couple the ADPD103 with a low capacitance photodiode of
<100 pF for optimal performance. TheADPD103 can be used with
any LED.


Similar Part No. - ADPD103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
ADPD105BCBZR7 AD-ADPD105BCBZR7 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
ADPD105BCPZ AD-ADPD105BCPZ Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
ADPD105BCPZRL AD-ADPD105BCPZRL Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
ADPD106 AD-ADPD106 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
More results

Similar Description - ADPD103

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1469 MOTOROLA-MC1469 Datasheet
1Mb / 19P
Specifications and Applications Information
logo
List of Unclassifed Man...
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
FEATURES AND SPECIFICATIONS
logo
Reed Relays and Electro...
R2B RRE-R2B Datasheet
96Kb / 1P
Tape and reel specifications
logo
Freescale Semiconductor...
MC34018 FREESCALE-MC34018 Datasheet
962Kb / 14P
Specifications and Applications
logo
Projects Unlimited, Inc...
AI-4228-TF-LW140-C-R PUI-AI-4228-TF-LW140-C-R Datasheet
227Kb / 1P
REVISED TEMPERATURE SPECIFICATIONS
logo
Rohm
SML-L13DTAFS ROHM-SML-L13DTAFS Datasheet
320Kb / 10P
Specifications (Precautions and Prohibitions)
logo
Omron Electronics LLC
E3S5E4S45 OMRON-E3S5E4S45 Datasheet
256Kb / 5P
Ratings and Specifications
logo
List of Unclassifed Man...
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
logo
New Jersey Semi-Conduct...
1N248C-50C NJSEMI-1N248C-50C Datasheet
49Kb / 1P
electrical ratings and specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com