Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 19 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 15Page - Analog Devices ADPD103 Datasheet HTML 16Page - Analog Devices ADPD103 Datasheet HTML 17Page - Analog Devices ADPD103 Datasheet HTML 18Page - Analog Devices ADPD103 Datasheet HTML 19Page - Analog Devices ADPD103 Datasheet HTML 20Page - Analog Devices ADPD103 Datasheet HTML 21Page - Analog Devices ADPD103 Datasheet HTML 22Page - Analog Devices ADPD103 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 18 of 52
AFE OPERATION
The timing within each pulse burst is important for optimizing
the operation of theADPD103. Figure 17 shows the timing wave-
forms for a single time slot as an LED pulse response propagates
through the analog block of the AFE. The first graph, shown in
green, shows the ideal LED pulsed output. The filtered LED
response, shown in blue, shows the output of the analog integrator.
The third graph, shown in orange, illustrates an optimally placed
integration window. When programmed to the optimized value,
the full signal of the filtered LED response can be integrated. The
AFE integration window is then applied to the output of the band-
pass filter (BPF) and the result is sent to the ADC and summed
for N pulses. If theAFE window is not correctly sized or located, all
of the receive signal is not properly reported and system perfor-
mance is not optimal; therefore, it is important to verify proper
AFE position for every new hardware design or the LED width.
AFE INTEGRATION OFFSET ADJUSTMENT
TheAFE integration width must be equal or larger than the LED
width. As AFE width increases, the output noise increases and
the ability to suppress high frequency content from the environ-
ment decreases. It is therefore desirable to keep theAFE integration
width small. However, if the AFE width is too small, the LED
signal is attenuated. With most hardware selections, the AFE
width produces the optimal SNR at 1 μs more than the LED
width. After setting LED width, LED offset, and AFE width, the
ADC offset can then be optimized. The AFE offset must be
manually set such that the falling edge of the first segment of the
integration window matches the zero crossing of the filtered LED
response.
Figure 17. AFE Operation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com