Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 13Page - Analog Devices ADPD103 Datasheet HTML 14Page - Analog Devices ADPD103 Datasheet HTML 15Page - Analog Devices ADPD103 Datasheet HTML 16Page - Analog Devices ADPD103 Datasheet HTML 17Page - Analog Devices ADPD103 Datasheet HTML 18Page - Analog Devices ADPD103 Datasheet HTML 19Page - Analog Devices ADPD103 Datasheet HTML 20Page - Analog Devices ADPD103 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 16 of 52
STATE MACHINE OPERATION
During each time slot, the ADPD103 operates according to a
state machine. The state machine operates in the following
sequence, shown in Figure 14.
STANDBY
REGISTER 0x10 = 0x0000
ULTRALOW POWER MODE
NO DATA COLLECTION
ALL REGISTER VALUES ARE RETAINED.
PROGRAM
REGISTER 0x10 = 0x0001
SAFE MODE FOR PROGRAMING REGISTERS
NO DATA COLLECTION
DEVICE IS FULLY POWERED IN THIS MODE.
NORMAL OPERATION
REGISTER 0x10 = 0x0002
LEDs ARE PULSED AND PHOTODIODES ARE SAMPLED
STANDARD DATA COLLECTION
DEVICE POWER IS CYCLED BY INTERNAL STATE MACHINE.
Figure 14. State Machine Operation Flowchart
The ADPD103 operates in one of three modes: standby,
program, and normal sampling mode.
Standby mode is a power saving mode in which no data collection
occurs. All register values are retained in this mode. To place
the device in standby mode, write 0x0 to Register 0x10,
Bits[1:0]. The device powers up in standby mode.
Program mode is used for programming registers. Always cycle
the ADPD103 through program mode when writing registers or
changing modes. Because no power cycling occurs in this mode,
the device may consume higher current in program mode than
in normal operation. To place the device in program mode,
write 0x1 to Register 0x10, Bits[1:0].
In normal operation, the ADPD103 pulses light and collects
data. Power consumption in this mode depends on the pulse
count and data rate. To place the device in normal sampling
mode, write 0x2 to Register 0x10, Bits[1:0].
NORMAL MODE OPERATION AND DATA FLOW
In normal mode, theADPD103 follows a specific pattern set up by
the state machine. This pattern is shown in the corresponding data
flow in Figure 15. The pattern is as follows:
1. LED pulse and sample.TheADPD103 pulses external LEDs.
The response of a photodiode or photodiodes to the reflected
light is measured by theADPD103. Each data sample is
constructed from the sum of n individual pulses, where n
is user configurable between 1 and 255.
2. Intersample averaging. If desired, the logic can average n
samples, from 2 to 128 in powers of 2, to produce output
data. New output data is saved to the output registers every
N samples.
3. Data read. The host processor reads the converted results
from the data register or the FIFO.
4. Repeat. The sequence has a few different loops that enable
different types of averaging while keeping both time slots
close in time relative to each other.
SAMPLE 1: TIME SLOT B
16 BITS
[14 + LOG2(nA)] BITS
UP TO 20 BITS
[14 + LOG2(nA × NA)] BITS
UP TO 27 BITS
[14 + LOG2(nB × NB)] BITS
UP TO 27 BITS
TIME SLOT B
TIME SLOT A
16-BIT CLIP
IF VAL ≤ (216 – 1)
VAL = VAL
ELSE VAL = 216 – 1
NA
NOTES
1. nA AND nB = NUMBER OF LED PULSES FOR TIME SLOT A AND TIME SLOT B.
2. NA AND NB = NUMBER OF AVERAGES FOR TIME SLOT A AND TIME SLOT B.
16 BITS
[14 + LOG2(nB)] BITS
UP TO 20 BITS
16-BIT CLIP
IF VAL ≤ (216 – 1)
VAL = VAL
ELSE VAL = 216 – 1
NB
1
NB
ADC OFFSET
[14 + LOG2(nA)] BITS
UP TO 22 BITS
SAMPLE 1: TIME SLOT A
SAMPLE NB: TIME SLOT B
SAMPLE NA: TIME SLOT A
14 BITS
14 BITS
20-BIT CLIP
IF VAL ≤ (220 – 1)
VAL = VAL
ELSE VAL = 220 – 1
nA
nA
14-BIT
ADC
1
nA
1
NA
FIFO
32-BIT DATA
REGISTERS
16-BIT
DATA
REGISTERS
0
1
0
1
REGISTER
0x11[13]
Figure 15. ADPD103 Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com