Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 6Page - Analog Devices ADPD103 Datasheet HTML 7Page - Analog Devices ADPD103 Datasheet HTML 8Page - Analog Devices ADPD103 Datasheet HTML 9Page - Analog Devices ADPD103 Datasheet HTML 10Page - Analog Devices ADPD103 Datasheet HTML 11Page - Analog Devices ADPD103 Datasheet HTML 12Page - Analog Devices ADPD103 Datasheet HTML 13Page - Analog Devices ADPD103 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 9 of 52
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
AVDD to AGND
−0.3 V to +2.2 V
DVDD to DGND
−0.3 V to +2.2 V
INT to DGND
−0.3 V to +2.2 V
PDSO to DGND
−0.3 V to +2.2 V
LEDXx to LGND
−0.3 V to +3.6 V
SCL to DGND
−0.3 V to +3.9 V
SDA to DGND
−0.3 V to +3.9 V
Junction Temperature
150°C
ESD
28-Lead LFCSP
Human Body Model (HBM)
1500 V
Charge Device Model (CDM)
1250 V
Machine Model (MM)
100 V
16-Ball WLCSP
Human Body Model (HBM)
1500 V
Charge Device Model (CDM)
500 V
Machine Model (MM)
100 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 8. Thermal Resistance
Package Type
θJA
Unit
28-Lead LFCSP_WQ
54.9
°C/W
16-Ball WLCSP
60
°C/W
RECOMMENDED SOLDERING PROFILE
Figure 3 and Table 9 provide details about the recommended
soldering profile.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Recommended Soldering Profile
Table 9. Recommended Soldering Profile
Profile Feature
Condition (Pb-Free)
Average Ramp Rate (TL to TP)
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
150°C
Maximum Temperature (TSMAX)
200°C
Time (TSMIN to TSMAX) (tS)
60 sec to 180 sec
TSMAX to TL Ramp-Up Rate
3°C/sec maximum
Time Maintained Above Liquidous
Temperature
Liquidous Temperature (TL)
217°C
Time (tL)
60 sec to 150 sec
Peak Temperature (TP)
+260 (+0/−5)°C
Time Within 5°C of Actual Peak
Temperature (tP)
<30 sec
Ramp-Down Rate
6°C/sec maximum
Time from 25°C to Peak Temperature
8 minutes maximum
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com