Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 5 Page - Analog Devices

  ADPD103 Datasheet HTML 1Page - Analog Devices ADPD103 Datasheet HTML 2Page - Analog Devices ADPD103 Datasheet HTML 3Page - Analog Devices ADPD103 Datasheet HTML 4Page - Analog Devices ADPD103 Datasheet HTML 5Page - Analog Devices ADPD103 Datasheet HTML 6Page - Analog Devices ADPD103 Datasheet HTML 7Page - Analog Devices ADPD103 Datasheet HTML 8Page - Analog Devices ADPD103 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 4 of 52
SPECIFICATIONS
TEMPERATURE AND POWER SPECIFICATIONS
Table 1. Operating Conditions
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
POWER SUPPLY VOLTAGES
VDD
Applied at the AVDD and DVDD pins
1.7
1.8
1.9
V
AVDD = DVDD = 1.8 V, ambient temperature, unless otherwise noted.
Table 2. Current Consumption1, 2
Parameter
Symbol
Test Conditions/Comments
Min Typ Max Unit
POWER SUPPLY (VDD) CURRENT
VDD Supply Current
LED_OFFSET = 25 µs; LED_PERIOD =19 µs; LED peak current =
25 mA, 4 channels active
1 Pulse
100 Hz data rate; Time Slot A only
106
µA
100 Hz data rate; Time Slot B only
94
µA
100 Hz data rate; both Time Slot A and Time Slot B
151
µA
10 Pulses
100 Hz data rate; Time Slot A only
258
µA
100 Hz data rate; Time Slot B only
246
µA
100 Hz data rate; both Time Slot A and Time Slot B
455
µA
Peak VDD Supply Current
(1.8 V)
IVDD_PEAK
4-Channel Operation
9.3
mA
1-Channel Operation
2.3
mA
Standby Mode Current
IVDD_STANDBY
3.5
µA
VLEDA AND VLEDB SUPPLY
CURRENT
Average Supply Current
VLEDA or VLEDB
Peak LED current = 100 mA; LED_PULSE width = 3 µs
1 Pulse
50 Hz data rate
15
µA
100 Hz data rate
30
µA
200 Hz data rate
60
µA
10 Pulses
50 Hz data rate
150
µA
100 Hz data rate
300
µA
200 Hz data rate
600
µA
1
LEDA or LEDB is one of LED1, LED2, or LED3. VLEDA or VLEDB is one of VLED1, VLED2, or VLED3.
2
VDD is the voltage applied at the AVDD and DVDD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com