Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 44 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 40Page - Analog Devices ADPD103 Datasheet HTML 41Page - Analog Devices ADPD103 Datasheet HTML 42Page - Analog Devices ADPD103 Datasheet HTML 43Page - Analog Devices ADPD103 Datasheet HTML 44Page - Analog Devices ADPD103 Datasheet HTML 45Page - Analog Devices ADPD103 Datasheet HTML 46Page - Analog Devices ADPD103 Datasheet HTML 47Page - Analog Devices ADPD103 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 43 of 52
Address
Data
Bit
Default
Value
Access Name
Description
0x43
[15:0]
0xADA5
R/W
SLOTA_AFE_CFG
AFE connection in Time Slot A.
0xADA5: analog full path mode (TIA_BPF_INT_ADC).
0xB065: TIA_ADC mode.
0xAE65: digital integration mode.
Others: reserved.
0x55
[15:13]
0x0
R/W
DIGINT_POWER
Power-down for Channel 2, Channel 3, and Channel 4 in
digital integration mode.
0: keep all channels powered up.
7: powers down Channel 2, Channel 3, and Channel 4.
12
0x0
R/W
Reserved
Write 0x0.
[11:10]
0x0
R/W
SLOTB_TIA_GAIN_4
TIAgain for Time Slot B, Channel 4 (PD4).
0: 200 kΩ
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[9:8]
0x0
R/W
SLOTB_TIA_GAIN_3
TIAgain for Time Slot B, Channel 3 (PD3).
0: 200 kΩ
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[7:6]
0x0
R/W
SLOTB_TIA_GAIN_2
TIAgain for Time Slot B, Channel 2 (PD2).
0: 200 kΩ
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[5:4]
0x0
R/W
SLOTA_TIA_GAIN_4
TIAgain for Time Slot A, Channel 4 (PD4).
0: 200 kΩ
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[3:2]
0x0
R/W
SLOTA_TIA_GAIN_3
TIAgain for Time Slot A, Channel 3 (PD3).
0: 200 kΩ
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[1:0]
0x0
R/W
SLOTA_TIA_GAIN_2
TIAgain for Time Slot A, Channel 2 (PD2).
0: 200 kΩ
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com