Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 12Page - Analog Devices ADPD103 Datasheet HTML 13Page - Analog Devices ADPD103 Datasheet HTML 14Page - Analog Devices ADPD103 Datasheet HTML 15Page - Analog Devices ADPD103 Datasheet HTML 16Page - Analog Devices ADPD103 Datasheet HTML 17Page - Analog Devices ADPD103 Datasheet HTML 18Page - Analog Devices ADPD103 Datasheet HTML 19Page - Analog Devices ADPD103 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 15 of 52
Table 13. Time Slot Switch (Register 0x14)
Address
Bits
Name
Description
0x14
[11:8]
SLOTB_PD_SEL
Selects connection of photodiode for Time Slot B as shown in Figure 11, Figure 12,
and Figure 13.
0x0: inputs are floating in Time Slot B.
0x1: all PDx pins (PD1 to PD8) are connected during Time Slot B.
0x4: PD5 to PD8 are connected during Time Slot B.
0x5: PD1 to PD4 are connected during Time Slot B.
Other: reserved.
[7:4]
SLOTA_PD_SEL
Selects connection of photodiode for Time Slot A as shown in Figure 11, Figure 12,
and Figure 13.
0x0: inputs are floating in Time Slot A.
0x1: All PDx pins (PD1 to PD8) are connected during Time Slot A.
0x4: PD5 to PD8 are connected during Time Slot A.
0x5: PD1 to PD4 are connected during Time Slot A.
Other: reserved.
ADJUSTABLE SAMPLING FREQUENCY
Register 0x12 controls the sampling frequency setting of the
ADPD103 and Register 0x4B, Bits[5:0] further tunes this clock
for greater accuracy. The sampling frequency is governed by an
internal 32 kHz sample rate clock that also drives the transition
of the internal state machine. The maximum sampling frequencies
for some sample conditions are listed in Table 3. The maximum
sample frequency for all conditions is determined by the
following equation:
fSAMPLE, MAX = 1/(tA + t1 + tB + t2 + tSLEEP, MIN)
If a given time slot is not in use, elements from that time slot do
not factor into the calculation. For example, if Time Slot A is not
in use, tA and t1 do not add to the sampling period and the new
maximum sampling frequency is calculated as follows:
fSAMPLE, MAX = 1/( tB + t2 + tSLEEP,MIN)
where tSLEEP, MIN is the minimum sleep time required between
samples. See the Dual Time Slot Operation section for the
definitions of tA, t1, tB, and t2.
External Sync for Sampling
The ADPD103 provides an option to use an external sync signal
to trigger the sampling periods. This external sample sync signal
can be provided either on the INT pin or the PDSO pin. This
functionality is controlled by Register 0x4F, Bits[3:2]. When
enabled, a rising edge on the selected input specifies when the
next sample cycle occurs. When triggered, there is a delay of one to
two internal sampling clock (32 kHz) cycles, and then the normal
start-up sequence occurs. This sequence is the same as if the
normal sample timer provided the trigger. To enable the external
sync signal feature, use the following procedure:
1. Write 0x1 to Register 0x10 to enter program mode.
2. Write the appropriate value to Register 0x4F, Bits[3:2] to
select whether the INT pin or the PDSO pin specifies when
the next sample cycle occurs. Also, enable the appropriate
input buffer using Register 0x4F, Bit 1, for the INT pin, or
Register 0x4F, Bit 5, for the PDSO pin.
3. Write b1 to EXT_SYNC_ENA, Register 0x38, Bit 14 to
enable the external sampling trigger.
4. Write 0x2 to Register 0x10 to start the sampling operations.
5. Apply the external sync signal on the selected pin at the
desired rate; sampling occurs at that rate. As with normal
sampling operations, read the data using the FIFO or the
data registers.
The maximum frequency constraints also apply in this case.
Providing an External 32kHz Clock
The ADPD103 has an option for the user to provide an external
32 kHz clock to the device for system synchronization or for
situations where a clock with better accuracy than the internal
32 kHz clock is required. The external 32 kHz clock is provided
on the PDSO pin. To enable the 32 kHz external clock, use the
following procedure at startup:
1. Drive the PDSO pin to a valid logic level or with the
desired 32 kHz clock prior to enabling the PDSO pin as an
input. Do not leave the pin floating prior to enabling it.
2. Write b1 to Register 0x4F, Bit 5 to enable the PDSO pin as
an input.
3. Write b11 to register 0x4B, Bit 7 and Bit 8 (CLK32K_EN
and CLK32K_BYP, respectively) to configure the device to
use an external 32 kHz clock.
4. Write 0x1 to Register 0x10 to enter program mode.
5. Write additional control registers in any order while the
device is in program mode to configure the device as
required.
6. Write 0x2 to Register 0x10 to start the normal sampling
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com