Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 43 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 39Page - Analog Devices ADPD103 Datasheet HTML 40Page - Analog Devices ADPD103 Datasheet HTML 41Page - Analog Devices ADPD103 Datasheet HTML 42Page - Analog Devices ADPD103 Datasheet HTML 43Page - Analog Devices ADPD103 Datasheet HTML 44Page - Analog Devices ADPD103 Datasheet HTML 45Page - Analog Devices ADPD103 Datasheet HTML 46Page - Analog Devices ADPD103 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 42 of 52
Address
Data Bit
Default
Value
Access
Name
Description
0x58
[15:14]
0x0
R/W
Reserved
Write 0x0.
13
0x0
R/W
SLOTB_DIGITAL_INT_EN
0x0: Time Slot B operating in normal mode.
0x1: Time Slot B operating in digital integration mode.
12
0x0
R/W
SLOTA_DIGITAL_INT_EN
0x0: Time Slot A operating in normal mode.
0x1: Time Slot A operating in digital integration mode.
[11:0]
0x000
R/W
Reserved
Write 0x000.
0x5A
[15:8]
0x00
R/W
Reserved
Write 0x00.
7
0x0
R/W
DIG_INT_GAPMODE
Digital integrate gapped mode enable.
0: no gap between negative and positive sample regions.
1: use SLOTA_AFE_FOFFSET for Time SlotA or SLOTB_AFE_
FOFFSET for Time Slot B to specify the gap in μs.
6
0x0
R/W
SLOTB_DIG_INT_SAMPLE_MODE Digital integrate single sample pair mode for Time Slot B.
0: double sample pair mode.
1: single sampled pair mode.
5
0x0
R/W
SLOTA_DIG_INT_SAMPLE_MODE
Digital integrate single sample pair mode for Time Slot A.
0: double sample pair mode.
1: single sampled pair mode.
[4:0]
0x00
R/W
Reserved
Write 0x00.
Table 22. AFE Configuration Registers, Time Slot A
Address
Data
Bit
Default
Value
Access Name
Description
0x39
[15:11]
0x4
R/W
SLOTA_AFE_WIDTH
AFE integration window width (in 1 μs step) for Time Slot A.
[10:5]
0x17
R/W
SLOTA_AFE_OFFSET
AFE integration window coarse offset (in 1 μs step) for
Time Slot A.
[4:0]
0x1C
R/W
SLOTA_AFE_FOFFSET
AFE integration window fine offset (in 31.25 ns step) for
Time Slot A.
0x42
[15:8]
0x1C
R/W
SLOTA_AFE_MODE
0x1C: Time Slot AAFE setting for normal mode. All four blocks
of the signal chain are in use during normal mode (the TIA,
the BPF, followed by the integrator (INT), and finally the ADC).
0x1D: Time Slot AAFE setting for digital integrate mode.
7
0x0
R/W
Reserved
Write 0x0.
6
0x0
R/W
SLOTA_TIA_IND_EN
Enable Time Slot ATIA gain individual settings. When it is
enabled, the Channel 1 TIA gain is set via Register 0x42,
Bits[1:0], and the Channel 2 through Channel 4 TIA gain is set
via Register 0x55, Bits[5:0].
0: disable TIA gain individual setting.
1: enable TIA gain individual setting.
[5:2]
0xE
R/W
Reserved
Reserved. Write 0xD.
[1:0]
0x0
R/W
SLOTA_TIA_GAIN
Transimpedance amplifier gain for Time Slot A. When
SLOTA_TIA_IND_EN is enabled, this value is for Time Slot B,
Channel 1 TIA gain. When SLOTA_TIA_IND_EN is disabled, it is
for all four Time Slot A channel TIA gain settings.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com