Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 9Page - Analog Devices ADPD103 Datasheet HTML 10Page - Analog Devices ADPD103 Datasheet HTML 11Page - Analog Devices ADPD103 Datasheet HTML 12Page - Analog Devices ADPD103 Datasheet HTML 13Page - Analog Devices ADPD103 Datasheet HTML 14Page - Analog Devices ADPD103 Datasheet HTML 15Page - Analog Devices ADPD103 Datasheet HTML 16Page - Analog Devices ADPD103 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 12 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
30
0
5
10
15
20
25
–25
–20
–15
–10
–5
0
5
10
15
SAMPLE FREQUENCY DEVIATION FROM NOMINAL (%)
Figure 6. 32 kHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4B = 0x2612)
0
5
10
15
20
FREQUENCY (MHz)
27.5 28.0 28.5 29.0 29.5 30.0 30.5 31.0 31.5 32.0
Figure 7. 32 MHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4D = 0x425E)
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
40
60
180
160
140
120
100
80
PHOTODIODE CAPACITANCE (pF)
25k
50k
200k
100k
Figure 8. Input Referred Noise vs. Photodiode Capacitance,
LED Pulse Width = 3 µs
6
5
4
3
2
1
0
0
20
40
60
180
160
140
120
100
80
PHOTODIODE CAPACITANCE (pF)
25k
200k
100k
50k
Figure 9. Input Referred Noise vs. Photodiode Capacitance,
LED Pulse Width = 2 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com