Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 48 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 44Page - Analog Devices ADPD103 Datasheet HTML 45Page - Analog Devices ADPD103 Datasheet HTML 46Page - Analog Devices ADPD103 Datasheet HTML 47Page - Analog Devices ADPD103 Datasheet HTML 48Page - Analog Devices ADPD103 Datasheet HTML 49Page - Analog Devices ADPD103 Datasheet HTML 50Page - Analog Devices ADPD103 Datasheet HTML 51Page - Analog Devices ADPD103 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 47 of 52
Address
Data
Bit
Default Access Name
Description
0x09
[15:8]
0x0
W
ADDRESS_WRITE_KEY Write 0xAD when writing to SLAVE_ADDRESS. Otherwise, do not access.
[7:1]
0x64
R/W
SLAVE_ADDRESS
I2C slave address.
0
0x0
R
Reserved
Do not access.
0x0A
[15:12]
0x0
R
Reserved
Reserved. Read only.
[11:0]
0x000
R
CLK_RATIO
When the CLK32M_CAL_EN bit (Register 0x50, Bit 5) is set, the device
calculates the number of 32 MHz clock cycles in two cycles of the 32 kHz
clock. The result, nominally 2000 (0x07D0), is stored in the CLK_RATIO bits.
0x0D
[15:0]
0x0
R/W
SLAVE_ADDRESS_KEY
Enable changing the I2C address using Register 0x09.
0x04AD: enable address change always.
0x44AD: enable address change if INT is high.
0x84AD: enable address change if PDSO is high.
0xC4AD: enable address change if both INT and PDSO are high.
0x0F
[15:1]
0x0000
R
Reserved
Reserved. Read only.
0
0x0
R/W
SW_RESET
Software reset. Write 0x1 to reset the device. This bit clears itself after a
reset. This command does not return an acknowledge because the
command is instantaneous.
0x10
[15:2]
0x000
R/W
Reserved
Write 0x000.
[1:0]
0x0
R/W
Mode
Determines the operating mode of the ADPD103.
0x0: standby.
0x1: program.
0x2: normal operation.
0x11
[15:14]
0x0
R/W
Reserved
Write 0x0.
13
0x0
R/W
RDOUT_MODE
Readback data mode for extended data registers
0x0: Block sum of N samples
0x1: Block average of N samples
12
0x1
R/W
FIFO_OVRN_PREVENT
0x0: wrap around FIFO, overwriting old data with new.
0x1: new data if FIFO is not full (recommended setting).
[11:9]
0x0
R/W
Reserved
Write 0x0.
[8:6]
0x0
R/W
SLOTB_FIFO_MODE
Time Slot B FIFO data format.
0: no data to FIFO.
1: 16-bit sample in digital integration mode or 16-bit sum of all
4 channels when not in digital integration mode.
2: 32-bit sample in digital integration mode or 32-bit sum of all
4 channels when not in digital integration mode.
3: 16-bit sample and 16-bit background value in digital integration mode
4: 32-bit sample and 32-bit background value in digital integration
mode or 4 channels of 16-bit sample data for Time Slot B when not in
digital integration mode.
6: 4 channels of 32-bit extended sample data for Time Slot B when not in
digital integration mode.
Others: reserved.
The selected Time Slot B data is saved in the FIFO. Available only if Time
Slot A has the same averaging factor, N (Register 0x15, Bits[10:8] = Bits[6:4]),
or if Time SlotA is not saving data to the FIFO (Register 0x11, Bits[4:2] = 0).
5
0x0
R/W
SLOTB_EN
Time Slot B enable. 1: enables Time Slot B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com