Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 26 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 22Page - Analog Devices ADPD103 Datasheet HTML 23Page - Analog Devices ADPD103 Datasheet HTML 24Page - Analog Devices ADPD103 Datasheet HTML 25Page - Analog Devices ADPD103 Datasheet HTML 26Page - Analog Devices ADPD103 Datasheet HTML 27Page - Analog Devices ADPD103 Datasheet HTML 28Page - Analog Devices ADPD103 Datasheet HTML 29Page - Analog Devices ADPD103 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 25 of 52
written to the FIFO. Note that both time slots can be enabled to
use the FIFO, but only if their output data rate is the same.
Output data rate = fSAMPLE/N
where:
fSAMPLE is the sampling frequency.
N is the averaging factor for each time slot (NA for Time Slot A
and NB for Time Slot B). In other words, NA = NB must be true
to store data from both time slots in the FIFO.
Data packets are written to the FIFO at the output data rate. A
data packet for the FIFO consists of a complete sample for each
enabled time slot. Data for each photodiode channel can be stored
as either 16 or 32 bits. Each time slot can store 2, 4, 8, or 16
bytes of data per sample, depending on the mode and data
format. To ensure that data packets are intact, new data is only
written to the FIFO if there is sufficient space for a complete
packet. Any new data that arrives when there is not enough
space is lost. The FIFO continues to store data when sufficient
space exists. Always read FIFO data in complete packets to
ensure that data packets remain intact.
The number of bytes currently stored in the FIFO is available in
Register 0x00, Bits[15:8]. A dedicated FIFO interrupt is also
available and automatically generates when a specified amount
of data is written to the FIFO.
Interrupt-Based Method
To read data from the FIFO using an interrupt-based method,
use the following procedure:
1. In program mode, set the configuration of the time slots as
desired for operation.
2. Write Register 0x11 with the desired data format for each
time slot.
3. Set FIFO_THRESH in Register 0x06, Bits[13:8] to the
interrupt threshold. A good value for this is the number of
16-bit words in a data packet, minus 1. This causes an
interrupt to generate when there is at least one complete
packet in the FIFO.
4. Enable the FIFO interrupt by writing a 0 to the FIFO_
INT_MASK in Register 0x01, Bit 8. Also, configure the
interrupt pin (INT) by writing the appropriate value to the
bits in Register 0x02.
5. Enter normal operation mode by setting Register 0x10 to
0x2.
6. When an interrupt occurs
a. There is no requirement to read the FIFO_SAMPLES
register, because the interrupt is generated only if there
is one or more full packets. Optionally, the interrupt
routine can check for the presence of more than one
available packet by reading this register.
b. Write 1 to the FIFO_ACCESS_ENA bit (Register 0x5F,
Bit 0) twice in two consecutive write operations.
c. Read a complete packet using one or more multiword
accesses using Register 0x60. Reading the FIFO
automatically frees the space for new samples.
d. Write 0 to the FIFO_ACCESS_ENAbit (Register 0x5F,
Bit 0).
The interrupt automatically clears when enough data is read
from the FIFO to bring the data level below the threshold.
Polling Method
To read data from the FIFO in a polling method, use the
following procedure:
1. In program mode, set the configuration of the time slots as
desired for operation.
2. Write Register 0x11 with the desired data format for each
time slot.
3. Enter normal operation mode by setting Register 0x10 to 2.
Next, begin the polling operations.
1. Wait for the polling interval to expire.
2. Read the FIFO_SAMPLES bits (Register 0x00, Bits[15:8]).
3. If FIFO_SAMPLES ≥ the packet size, read a packet using
the following steps:
a. Write 1 to the FIFO_ACCESS_ENA bit (Register 0x5F,
Bit 0) twice in two consecutive write operations.
b. Read a complete packet using one or more multiword
accesses using Register 0x60. Reading the FIFO
automatically frees the space for new samples.
c. Write 0 to the FIFO_ACCESS_ENA bit (Register 0x5F,
Bit 0).
d. Repeat Step 1.
When a mode change is required, or any other disruption to
normal sampling is necessary, the FIFO must be cleared. Use
the following procedure to clear the state and empty the FIFO:
1. Enter program mode by setting Register 0x10 to 0x1.
2. Write 1 to the FIFO_ACCESS_ENA bit (Register 0x5F,
Bit 0) twice in two consecutive write operations.
3. Write 1 to Register 0x00, Bit 15.
4. Write 0 to the FIFO_ACCESS_ENAbit (Register 0x5F, Bit 0).
Reading Data from Registers Using Interrupts
The latest sample data is always available in the data registers and is
updated simultaneously at the end of each time slot. The data value
for each photodiode channel is available as a 16-bit value in Regis-
ter 0x64 through Register 0x67 for Time SlotA, and Register 0x68
through Register 0x6B for Time Slot B. If allowed to reach their
maximum value, Register 0x64 through Register 0x6B clip. If
Register 0x64 through Register 0x6B saturate, the unsaturated (up
to 27 bits) values for each channel are available in Register 0x70
through Register 0x77 for Time Slot A and Register 0x78 through
Register 0x7F for Time Slot B. Sample interrupts are available to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com