Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103 Datasheet(PDF) 30 Page - Analog Devices

Part # ADPD103
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 26Page - Analog Devices ADPD103 Datasheet HTML 27Page - Analog Devices ADPD103 Datasheet HTML 28Page - Analog Devices ADPD103 Datasheet HTML 29Page - Analog Devices ADPD103 Datasheet HTML 30Page - Analog Devices ADPD103 Datasheet HTML 31Page - Analog Devices ADPD103 Datasheet HTML 32Page - Analog Devices ADPD103 Datasheet HTML 33Page - Analog Devices ADPD103 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 29 of 52
sampling time with the LED pulse to measure the total amount of
light falling on the photodetector (for example, background light +
LED pulse).
If this minimum value is above 0 LSB, the TIA is not saturated.
However, take care, because even if the result is not 0 LSB,
operating the device near saturation can quickly result in
saturation if light conditions change. A safe operating region is
typically at ¾ full scale and lower. Use Table 17 to determine
how the input codes map to ADC levels on a per channel per
pulse basis. These codes are not the same as in normal mode
because the band-pass filter and integrator are not unity-gain
elements.
Coarse Ambient Light Measurement
Using the typical values in Table 17, TIA_ADC mode can be used
to measure or quantify the amount of background or ambient light
present on the photodetector. The settings are the same in the
method described in the Protecting Against TIA Saturation in
Normal Operation section, except the timing used in the
normal operating mode is sufficient for this mode. There is no
need to sweepAFE_OFFSET. IfAFE_OFFSET is in the same place
as the normal mode operation, the TIA_ADC mode does not
return the same value, regardless of whether the LED is on or off.
In TIA_MODE, the dark level is a high level near 13,000 LSBs
per channel per pulse (see Table 17). To measure this value,
select no PD by writing a 0x0 to Register 0x14, Bits[11:8] for
Time Slot B or Register 0x14, Bits[7:4] for Time Slot A. This
setting internally opens the photodiode connection. This gives a
baseline LSB value that coincides with a zero signal input.
After Register 0x14 is restored to its normal value, while
connecting the photodiode to the TIA, this TIA_ADC result
can be subtracted from the open photodiode case to yield a
background light measurement. Use Table 17 to translate this
measurement into an input photocurrent. Use this result for
coarse absolute measurements only, because it is typically only
accurate to within 10%.
Measuring PCB Parasitic Input Resistance
During the process of mounting the ADPD103, undesired
resistance can develop on the inputs through assembly errors or
debris on the PCB. These resistances can form between the
anode and cathode, or between the anode and some other
supply or ground. In normal operation, the ambient rejection
feature of the ADPD103 masks the primary effects of these
resistances, making it very difficult to detect them. However,
even at 1 MΩ to 10 MΩ, such resistance can impact performance
significantly through added noise or decreased dynamic range.
TIA_ADC mode can be used to screen for these assembly issues.
Measuring Shunt Resistance on the Photodiode
A shunt resistor across the photodiode does not generally affect
the output level of the device in operation because the effective
impedance of the TIA is very low. This is especially true if the
photodiode is held to 0 V in operation. However, such resistance
can add noise to the system, degrading performance. The best
way to detect photodiode leakage, also called photodiode shunt
resistance, is to place the device in TIA_ADC mode in the dark
and vary the operation mode cathode voltage. When the cathode is
at 1.3 V, this places 0 V across the photodiode because the anode is
always at 1.3 V while in operation. When the cathode is at 1.8 V,
this places 0.5 V across the photodiode. Using the register settings
in Table 3 to control the cathode voltage, measure the TIA_ADC
value at both voltages. Next, divide the voltage difference of 0.5 V
by the difference of theADC result after converting it to a current.
This result is the approximate shunt resistance. Values greater
than 10 MΩ may be difficult to measure, but this method is useful
in identifying gross failures.
Table 17. Analog Specifications for TIA_ADC and Digital Integrate Modes
Parameter
Test Conditions/Comments
Typ
Unit
TIA_ADC/Digital Integration Saturation Levels
Values expressed per channel, per sample
TIA Feedback Resistor:
25 kΩ
38.32
μA
50 kΩ
19.16
μA
100 kΩ
9.58
μA
200 kΩ
4.79
μA
TIA_ADC Resolution
Values expressed per channel, per sample
TIA Feedback Resistor:
25 kΩ
2.92
nA/LSB
50 kΩ
1.5
nA/LSB
100 kΩ
0.73
nA/LSB
200 kΩ
0.37
nA/LSB
Output with No Input Current
ADC offset (Register 0x18 to Register 0x21) = 0x0
13000
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com