Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 34 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 34 Page - Micronas

Back Button VDP3133Y Datasheet HTML 30Page - Micronas VDP3133Y Datasheet HTML 31Page - Micronas VDP3133Y Datasheet HTML 32Page - Micronas VDP3133Y Datasheet HTML 33Page - Micronas VDP3133Y Datasheet HTML 34Page - Micronas VDP3133Y Datasheet HTML 35Page - Micronas VDP3133Y Datasheet HTML 36Page - Micronas VDP3133Y Datasheet HTML 37Page - Micronas VDP3133Y Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
34
Micronas
Picture Frame Generator
47
9
w v
bit[7:0]
reserved, set t o zero
bit[8]
1
enable picture frame generator
0
PFGEN
11
16
w h
picture frame color 12 bit wide,
bit[3:0]
0..15
blue amplitude
bit[7:4]
0..15
green amplitude
bit[11:8]
0..15
red amplitude
0
0
0
PFC
PFCB
PFCG
PFCR
4C
9
w v
picture frame insertion contrast for R
(ampl. range: 0 to 255)
bit[3:0]
reserved, set to zero
bit[7:4]
0..13
R amplitude =
PFCR
× (PFRCT + 4)
14,15
invalid
8
PFRCT
48
9
w v
picture frame insertion contrast for G
(ampl. range: 0 to 255)
bit[3:0]
reserved, set to zero
bit[7:4]
0..13
G amplitude =
PFCG
× (PFGCT + 4)
14,15
invalid
8
PFGCT
44
9
w v
picture frame insertion contrast for B
(ampl. range: 0 to 255)
bit[3:0]
reserved, set to zero
bit[7:4]
0..13
B amplitude =
PFCB
× (PFBCT + 4)
14,15
invalid
8
PFBCT
4F
9
w v
bit[8:0]
horizontal picture frame begin
code 0 = picture frame generator horizontally disabled
code 1FF = full frame
0PFGHB
53
9
w v
bit[8:0]
horizontal picture frame end
0
PFGHE
63
9
w v
bit[8:0]
vertical picture frame begin
code 0 = picture frame generator vertically disabled
270
PFGVB
6F
9
w v
bit[8:0]
vertical picture frame end
56
PFGVE
Priority Decoder
75
9
w v
bit[7]
0/1
select main/side setting for
contrast,brightness,matrix
0SIDE
79
9
w v
bit[7]
0/1
disable/enable peaking transient
suppression when signal is
switched to the picture frame
0
PKTRNS
Table 2–5: I2C control and status registers of the video backend
(Registers are set to ’0’ at reset, default values are recommendations)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com