Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 13 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 13 Page - Micronas

Back Button VDP3133Y Datasheet HTML 9Page - Micronas VDP3133Y Datasheet HTML 10Page - Micronas VDP3133Y Datasheet HTML 11Page - Micronas VDP3133Y Datasheet HTML 12Page - Micronas VDP3133Y Datasheet HTML 13Page - Micronas VDP3133Y Datasheet HTML 14Page - Micronas VDP3133Y Datasheet HTML 15Page - Micronas VDP3133Y Datasheet HTML 16Page - Micronas VDP3133Y Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
13
2.5. Horizontal Scaler
The 4:2:2 YCRCB signal from the color decoder is pro-
cessed by the horizontal scaler. The scaler block
allows a linear or nonlinear horizontal scaling of the
input video signal in the range of 0.25 to 4. Nonlinear
scaling, also called panorama vision, provides a geo-
metrical distortion of the input picture. It is used to fit a
picture with 4:3 format on a 16:9 screen by stretching
the picture geometry at the borders. Also, the inverse
effect can be produced by the scaler. A summary of
scaler modes is given in Table 2–1.
The scaler contains a programmable decimation filter,
a 1-line FIFO memory, and a programmable interpola-
tion filter. The scaler input filter is also used for pixel
skew correction (see Section 2.4.10. on page 12). The
decimator/interpolator structure allows optimal use of
the FIFO memory. The controlling of the scaler is done
by the internal Fast Processor.
2.6. Blackline Detector
In case of a letterbox format input video, e.g. Cinemas-
cope, PAL+ etc., black areas at the upper and lower
part of the picture are visible. It is suitable to remove or
reduce these areas by a vertical zoom and/or shift
operation.
The VDP 313xY supports this feature by a letterbox
detector. The circuitry detects black video lines by
measuring the signal amplitude during active video.
For every field the number of black lines at the upper
and lower part of the picture are measured, compared
to the previous measurement and the minima are
stored in the I2C-register BLKLIN. To adjust the picture
amplitude, the external controller reads this register,
calculates the vertical scaling coefficient and transfers
the new settings, e.g. vertical sawtooth parameters,
horizontal scaling coefficient etc., to the VDP 313xY.
Letterbox signals containing logos on the left or right
side of the black areas are processed as black lines,
while subtitles, inserted in the black areas, are pro-
cessed as non-black lines. Therefore the subtitles are
visible on the screen. To suppress the subtitles, the
vertical zoom coefficient is calculated by selecting the
larger number of black lines only. Dark video scenes
with a low contrast level compared to the letterbox area
are indicated by the BLKPIC bit.
2.7. Test Pattern Generator
The YCRCB outputs can be switched to a test mode
where YCRCB data are generated digitally in the
VDP 313xY. Test patterns include luminance/chromi-
nance ramps and flat fields.
Table 2–1: Scaler modes
Mode
Scale
Factor
Description
Compression
4:3
→ 16:9
0.75
linear
4:3 source displayed on
a 16:9 tube,
with side panels
Panorama
4:3
→16:9
non-
linear
compr
4:3 source displayed on
a 16:9 tube,
Borders distorted
Zoom
4:3
→ 4:3
1.33
linear
Letterbox source (PAL+)
displayed on a 4:3 tube,
vertical overscan with
cropping of side panels
Panorama
4:3
→ 4:3
non-
linear
zoom
Letterbox source (PAL+)
displayed on a 4:3 tube,
vertical overscan, bor-
ders distorted, no crop-
ping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com