Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 42 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 42 Page - Micronas

Back Button VDP3133Y Datasheet HTML 38Page - Micronas VDP3133Y Datasheet HTML 39Page - Micronas VDP3133Y Datasheet HTML 40Page - Micronas VDP3133Y Datasheet HTML 41Page - Micronas VDP3133Y Datasheet HTML 42Page - Micronas VDP3133Y Datasheet HTML 43Page - Micronas VDP3133Y Datasheet HTML 44Page - Micronas VDP3133Y Datasheet HTML 45Page - Micronas VDP3133Y Datasheet HTML 46Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
42
Micronas
148
Enable automatic standard recognition (ASR)
bit[0]
0/1
PAL B,G,H,I (50 Hz)
4.433618
bit[1]
0/1
NTSC M
(60 Hz)
3.579545
bit[2]
0/1
SECAM
(50 Hz)
4.286
bit[3]
0/1
NTSC44
(60 Hz)
4.433618
bit[4]
0/1
PAL M
(60 Hz)
3.575611
bit[5]
0/1
PAL N
(50 Hz)
3.582056
bit[6]
0/1
PAL 60
(60 Hz)
4.433618
bit[10:7]
reserved set to 0
bit[11]
1
reset status information ‘switch’ in asr_status
(cleared automatically)
0: disable recognition; 1: enable recognition
Note: For correct operation don’t change FP reg. 20h and 21h,
while ASR is enabled!
0ASR_ENA
14E
Status of automatic standard recognition
bit[0]
1
error of the vertical standard
(neither 50 nor 60 Hz)
bit[1]
1
detected standard is disabled
bit[2]
1
search active
bit[3]
1
search terminated, but failed
bit[4]
1
no color found
bit[5]
1
standard has been switched (since last reset
of this flag with bit[11] of asr_enable)
bit[4:0]
00000
all ok
00001
search not started, because vwin error
detected (no input or SECAM L)
00010
search not started, because detected vert.
standard not enabled
0x1x0
search started and still active
01x00
search failed (found standard not correct)
01x10
search failed, (detected color standard not
enabled)
1000
no color found (monochrome input or switch
betw. CVBS/SVHS necessary)
0
ASR_STATUS
VWINERR
DISABLED
BUSY
FAILED
NOCOLOR
SWITCH
22
picture start position, this register sets the start point of active
video, this can be used e.g. for panning. The setting is updated
when ’sdt’ register is updated.
0SFIF
Table 2–6: Control Registers of the Fast Processor for control of the video frontend functions
−default values are initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com