Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 56 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 56 Page - Micronas

Back Button VDP3133Y Datasheet HTML 52Page - Micronas VDP3133Y Datasheet HTML 53Page - Micronas VDP3133Y Datasheet HTML 54Page - Micronas VDP3133Y Datasheet HTML 55Page - Micronas VDP3133Y Datasheet HTML 56Page - Micronas VDP3133Y Datasheet HTML 57Page - Micronas VDP3133Y Datasheet HTML 58Page - Micronas VDP3133Y Datasheet HTML 59Page - Micronas VDP3133Y Datasheet HTML 60Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
56
Micronas
Pin 37, 38, 39
− Analog RGB Outputs, ROUT, GOUT,
BOUT (Fig. 3–12)
This are the analog Red/Green/Blue outputs of the
backend. The outputs sink a current of max. 8 mA.
Pin 40
− DAC Reference Decoupling, VRD (Fig. 3–20)
Via this pin the DAC reference voltage is decoupled by
an external capacitance. The DAC output currents
depend on this voltage, therefore a pull-down transis-
tor can be used to shut off all beam currents. A decou-
pling capacitor of 3.3
µF/100 nF is required.
Pin 41, 42, 43, 45, 46, 47
− Analog RGB Inputs, RIN1/
2, GIN1/2, BIN1/2 (Fig. 3–11)
These pins are used to insert an external analog RGB
signal, e.g. from a SCART connector which can by
switched to the analog RGB outputs with the fast blank
signal. The analog backend provides separate bright-
ness and contrast settings for the external analog RGB
signals.
Pin 44, 48
− Fast Blank Inputs, FBLIN1/2 (Fig. 3–15)
These pins are used to switch the RGB outputs to the
external analog RGB inputs.
Pin 49
− Main Clock Output, CLK20 ( Fig. 3–6)
This is the 20.25 MHz main system clock, that is used
by all circuits in a high-end VDP system. All external
timing is derived from this clock.
Pin 50
− Horizontal Drive Output, HOUT (Fig. 3–13)
This open drain output supplies the the drive pulse for
the horizontal output stage. The polarity and gating
with the flyback pulse are selectable by software.
Pin 51, 52
− Crystal Input and Output, XTAL1, XTAL2
(Fig. 3–5)
These pins are connected to an 20.25 MHz crystal
oscillator is digitally tuned by integrated shunt capaci-
tances. The Clk20 signal is derived from this oscillator.
Pin 53, 54, 60
− Analog Chroma Inputs, CIN1, CIN2/
CRIN, CBIN, (Fig. 3–7, Fig. 3–8)
CIN1, CIN2 are the analog chroma inputs for S-VHS. A
S-VHS chroma signal is converted using the chroma
(Video2) AD converter. A resistive devider is used to
BIAS the inout signal to middle of converter range. The
input signal must be AC coupled. Together with the
CBIN pin CIN2 can alternatively be used as chroma
component input for the analog YCRCB interface.
Pin 55
− Ground (Analog Front-end), GNDAF
Pin 56
− Ground (Analog Signal Input),
SGND (Fig. 3–10)
This is the high quality ground reference for the video
input signals.
Pin 57
− Reference Voltage Top, VRT (Fig. 3–10)
Via this pin, the reference voltage for the A/D convert-
ers is decoupled. The pin is connected with 10
µF/
47 nF to the Signal Ground Pin.
Pin 58
− Supply Voltage (Analog Front-end), VSUPAF
Pin 59
− Analog Video Output, VOUT (Fig. 3–9)
The analog video signal that is selected for the main
(luma, cvbs) adc is output at this pin. An emitter fol-
lower is required at this pin.
Pin 61...64
− Analog Video Input 1−4, VIN1−4 (Fig. 3–
7)
These are the analog video inputs. A CVBS or S-VHS
luma signal is converted using the luma (Video 1) AD
converter. The input signal must be AC-coupled.
3.4. Pin Configuration
Fig. 3–2: 64-pin PSDIP package
1
TEST
2
RESQ
3
SCL
4
SDA
5
GNDD
6
HCS
7
FSY
8
CSY
9
VS
10
INTLC
11
VPROT
12
SAFETY
13
HFLB
14
GNDD
15
VSUPD
16
GNDD
VIN4
64
VIN3
63
VIN2
62
VIN1
61
CIN1
60
VOUT
59
VSUPAF
58
VRT
57
SGND
56
GNDAF
55
CBIN
54
CIN 2/CRIN
53
XTAL 2
52
XTAL 1
51
HOUT
50
CLK20
49
17
VSUPD
18
P0
19
P1
20
P2
21
P3
22
P4
23
P5
24
P6
25
GNDD
26
RSW2
FBLIN2
48
BIN2
47
GIN2
46
RIN2
45
FBLIN
44
BIN
43
GIN
42
RIN
41
VRD
40
BOUT
39
RSW1
SENSE
GNDM
VERTQ
VERT
E/W
38
37
36
35
34
33
27
28
29
30
31
32
GOUT
ROUT
VSUPAB
GNDAB
SVMOUT
XREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com