Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 53 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 53 Page - Micronas

Back Button VDP3133Y Datasheet HTML 49Page - Micronas VDP3133Y Datasheet HTML 50Page - Micronas VDP3133Y Datasheet HTML 51Page - Micronas VDP3133Y Datasheet HTML 52Page - Micronas VDP3133Y Datasheet HTML 53Page - Micronas VDP3133Y Datasheet HTML 54Page - Micronas VDP3133Y Datasheet HTML 55Page - Micronas VDP3133Y Datasheet HTML 56Page - Micronas VDP3133Y Datasheet HTML 57Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
53
12
SAFETY
IN
GNDAB
Safety Input
13
HFLB
IN
HOUT
Horizontal Flyback Input
14
GNDD
SUPPLY
X
Digital Ground
15
VSUPD
SUPPLY
X
Digital Supply Voltage (3.3 V)
16
GNDD
SUPPLY
X
Digital Ground
17
VSUPD
SUPPLY
LV
Digital Supply Voltage (3.3 V)
18
P0
IN/OUT
LV
Port 1, Bit 0
19
P1
IN/OUT
LV
Port 1, Bit 1
20
P2
IN/OUT
GNDD
Port 1, Bit 2
21
P3
IN/OUT
GNDD
Port 1, Bit 3
22
P4
IN/OUT
GNDD
Port 1, Bit 4
23
P5
IN/OUT
GNDD
Port 1, Bit 5
24
P6
IN/OUT
GNDD
Port 1, Bit 6
25
GNDD
SUPPLY
X
Digital Ground
26
RSW2
OUT
GNDAB
Range Switch 2 for Measurement ADC
27
RSW1
OUT
GNDAB
Range Switch 1 for Measurement ADC
28
SENSE
IN
GNDAB
Sense ADC Input
29
GNDM
SUPPLY
X
Ground, MADC Input
30
VERTQ
OUT
LV
Inverted Vertical Sawtooth Output
31
VERT
OUT
LV
Vertical Sawtooth Output
32
E/W
OUT
LV
Vertical Parabola Output
33
XREF
IN
X
Reference Input for RGB DACs
34
SVMOUT
OUT
VSUPAB
Analog Scan Velocity Modulation Output
35
GNDAB
SUPPLY
X
Analog Ground Backend
36
VSUPAB
SUPPLY
X
Analog Supply Voltage (5.0 V) Backend
37
ROUT
OUT
VSUPAB
Analog Red Output
38
GOUT
OUT
VSUPAB
Analog Green Output
39
BOUT
OUT
VSUPAB
Analog Blue Output
40
VRD
IN
X
DAC Reference
41
RIN
IN
GNDAB
Analog Red Input
42
GIN
IN
GNDAB
Analog Green Input
Pin No.
Pin Name
Type
Connection
Short Description
PSDIP
64-pin
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com