Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDP3133Y Datasheet(PDF) 61 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 61 Page - Micronas

Back Button VDP3133Y Datasheet HTML 57Page - Micronas VDP3133Y Datasheet HTML 58Page - Micronas VDP3133Y Datasheet HTML 59Page - Micronas VDP3133Y Datasheet HTML 60Page - Micronas VDP3133Y Datasheet HTML 61Page - Micronas VDP3133Y Datasheet HTML 62Page - Micronas VDP3133Y Datasheet HTML 63Page - Micronas VDP3133Y Datasheet HTML 64Page - Micronas VDP3133Y Datasheet HTML 65Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
61
3.6.3. Recommended Crystal Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
0
−
65
°C
fP
Parallel Resonance Frequency
with Load Capacitance CL = 13 pF
−
20.250000
−
MHz
∆f
P/fP
Accuracy of Adjustment
−−±20
ppm
∆f
P/fP
Frequency Temperature Drift
−−±30
ppm
RR
Series Resistance
−−
25
Ω
C0
Shunt Capacitance
3
−
7pF
C1
Motional Capacitance
20
−
30
fF
Load Capacitance Recommendation
CLext
External Load Capacitance 1) from
pins to Ground
(pin names: Xtal1 Xtal2)
−
3.3
−
pF
DCO Characteristics 2,3)
CICLoadmin
Effective Load Capacitance @ min.
DCO–Position, Code 0,
package: 64PSDIP
34.3
5.5
pF
CICLoadrng
Effective Load Capacitance Range,
DCO Codes from 0..255
11
12.7
15
pF
1) Remarks on defining the External Load Capacitance:
External capacitors at each crystal pin to ground are required. They are necessary to tune the effective load
capacitance of the PCBs to the required load capacitance CL of the crystal. The higher the capacitors, the lower
the clock frequency results. The nominal free running frequency should match fp MHz. Due to different layouts
of customer PCBs the matching capacitor size should be determined in the application. The suggested value is
a figure based on experience with various PCB layouts.
Tuning condition: Code DVCO Register =
−720
2) Remarks on Pulling Range of DCO:
The pulling range of the DCO is a function of the used crystal and effective load capacitance of the IC (CICLoad
+CLoadBoard). The resulting frequency fL with an effective load capacitance of CLeff = CICLoad + CLoadBoard is:
1 + 0.5
× [ C
1 / (C0 + CLeff) ]
fL = fP × _______________________
1 + 0.5
× [ C
1 / (C0 + CL) ]
3) Remarks on DCO codes
The DCO hardware register has 8 bits, the fp control register uses a range of –2048...2047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com